Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135GTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA8135GTR
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135GTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA8135GTR Datasheet HTML 17Page - STMicroelectronics STA8135GTR Datasheet HTML 18Page - STMicroelectronics STA8135GTR Datasheet HTML 19Page - STMicroelectronics STA8135GTR Datasheet HTML 20Page - STMicroelectronics STA8135GTR Datasheet HTML 21Page - STMicroelectronics STA8135GTR Datasheet HTML 22Page - STMicroelectronics STA8135GTR Datasheet HTML 23Page - STMicroelectronics STA8135GTR Datasheet HTML 24Page - STMicroelectronics STA8135GTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Specification
Min. Typ. Max. Unit
Comment
Line regulation
10
mV
Load regulation
VO = 1.2 V max at Iout = 0 mA
VO = 1.1 V max at Iout = 2 mA
100
mV
Start-up time (1)
600
μs
-
VBK_IN slew rate
0.04
40 (1) ms
In case VBK_IN = 3.3 V add 100 Ω series resistor and
1 μF capacitor to GND to the VBK_IN pin
1. Specified by design, not tested in production.
Table 17. Main PMU - Functional specifications
Specification
Min.
Typ.
Max.
Unit
Comment
LDO_CORE
Input voltage (VCORE_IN)
1.62
3.3
3.6
V
Output voltage
(VCORE_OUT available at balls VDD_EXT_REG)
1.14
1.2
1.30
V
EXT_REG_SEL = low
(VDD_EXT_REG)
Load current (mA)
450
mA
LDO power consumption (1)
-
200
μA
LDO power down consumption(1)
4
μA
External capacitance (VCORE_OUT) (1)
2.35
4.7
6.35
μF
EXT_REG_SEL = low
(VDD_EXT_REG)
Line regulation
10
mV
Load regulation
70
mV
Load current transient (1)
150/100
mA/nS
Start-up time (1)
15
μs
LDO IO
Input voltage (VIO2_IN)
3
3.3
3.6
V
Output voltage (VIO1_EXT)
1.72
1.80
1.90
V
Load current
90
mA
LDO power consumption (1)
200
μA
LDO power down consumption (1)
4
μA
External capacitance (1)
1.1
2.2
3
μF
Line regulation
-
-
10
mV
Load regulation
-
-
100
mV
Load current transient (1)
-
-
90/100
mA/ns
Start-up time(1)
-
25
-
μs
LDO_RF
VRF_IN
1.62
3.3
3.6
V
VRF_OUT
1.05
1.15
1.25
V
Load current on VRF_OUT
27
mA
1. Specified by design, not tested in production.
STA8135G
Electrical specifications
DS14788 - Rev 1
page 21/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com