Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZ2012E102-2R5TF Datasheet(PDF) 1 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # PZ2012E102-2R5TF
Description  Multilayer Chip Ferrite Bead – PZ Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

PZ2012E102-2R5TF Datasheet(HTML) 1 Page - Shenzhen Sunlord Electronics Co., Ltd

  PZ2012E102-2R5TF Datasheet HTML 1Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 2Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications subject to change without notice. Please check our website for latest information. Released: 2011/03/15
Sunlord
Sunlord Industrial Park, Guanguang Road, Shenzhen, China Tel: 0755-29832660 Fax: 0755-82269029 Web:http://www.sunlordinc.com E-mail: sunlord@sunlordinc.com
Multilayer Chip Ferrite Bead – PZ Series
Operating Temp. : -55℃~+125℃
FEATURES
●
Internal silver printed layers and magnetic shielded structures to minimize crosstalk
●
Large withstand current (allowable current: up to 6A)
●
Can be used in a wide range of frequency to suppress EMI
●
Three types material and wide range of impedance values for various applications
APPLICATIONS
●
Noise suppression for power line or large current signal of electric equipments such as computers
and peripheral devices, DVD cameras, LCD TVs, communication equipments, OA equipments, etc.
PRODUCT IDENTIFICATION
SHAPE AND DIMENSIONS
Unit: mm [inch]
Type
L
W
T
a
PZ0603
[0201]
0.6±0.05
[.024±.002]
0.3±0.05
[.012±.002]
0.3±0.05
[.012±.002]
0.15±0.05
[.006±.002]
PZ1005
[0402]
1.0±0.15
[.039±.006]
0.5±0.15
[.020±.006]
0.5±0.15
[.020±.006]
0.25±0.1
[.010±.004]
PZ1608
[0603]
1.6±0.15
[.063±.006]
0.8±0.15
[.031±.006]
0.8±0.15
[.031±.006]
0.3±0.2
[.012±.008]
PZ2012
[0805]
2.0 (+0.3, -0.1)
[.079 (+.012, -.004)]
1.25±0.2
[.049±.008]
0.85±0.2
[.033±.008]
0.5±0.3
[.020±.012]
0.85±0.2
[.033±.008]
PZ3216
[1206]
3.2±0.2
[.126±.008]
1.6±0.2
[.063±.008]
1.1±0.2
[.043±.008]
0.5±0.3
[.020±.012]
PZ4516
[1806]
4.5±0.2
[.178±.008]
1.6±0.2
[.063±.008]
1.6±0.2
[.063±.008]
0.5±0.3
[.020±.012]
②
External Dimensions (L×W) (mm)
0603 [0201]
0.6×0.3
1005 [0402]
1.0×0.5
1608 [0603]
1.6×0.8
2012 [0805]
2.0×1.25
3216 [1206]
3.2×1.6
4516 [1806]
4.5×1.6
①
Type
PZ
Chip Ferrite Bead For
Large Current
③
Material Code
D, E, U
④
Nominal Impedance
Example
Nominal Value
300
30Ω
121
120Ω
102
1000Ω
⑦
Hazardous Substance
Free Products
F
⑥
Packing
T
Tape & Reel
⑤
Rated Current
1R0
1.0A
2R5
2.5A
R60
0.6A
PZ
①
1608
②
U
③
121
④
-1R0
⑤
F
⑦
T
⑥


Similar Part No. - PZ2012E102-2R5TF

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PZ20 EDI-PZ20 Datasheet
74Kb / 2P
SURFACE MOUNT SINGLE-PHASE FULL WAVE BRIDGE
logo
NXP Semiconductors
PZ2024B20U PHILIPS-PZ2024B20U Datasheet
131Kb / 16P
NPN microwave power transistors
1997 Feb 19
logo
Electronic devices inc.
PZ20S EDI-PZ20S Datasheet
74Kb / 2P
SURFACE MOUNT SINGLE-PHASE FULL WAVE BRIDGE
More results

Similar Description - PZ2012E102-2R5TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
Multilayer Ferrite Chip Bead
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
Multilayer Ferrite Chip Bead
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
Multilayer Ferrite Chip Bead
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
List of Unclassifed Man...
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
Multilayer Ferrite Chip Bead
V 1.2
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
Multilayer Ferrite Chip Bead Inductor
04/28/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com