Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZ1608D300-R60TF Datasheet(PDF) 3 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # PZ1608D300-R60TF
Description  Multilayer Chip Ferrite Bead – PZ Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

PZ1608D300-R60TF Datasheet(HTML) 3 Page - Shenzhen Sunlord Electronics Co., Ltd

  PZ1608D300-R60TF Datasheet HTML 1Page - Shenzhen Sunlord Electronics Co., Ltd PZ1608D300-R60TF Datasheet HTML 2Page - Shenzhen Sunlord Electronics Co., Ltd PZ1608D300-R60TF Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd PZ1608D300-R60TF Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd PZ1608D300-R60TF Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd PZ1608D300-R60TF Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd PZ1608D300-R60TF Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications subject to change without notice. Please check our website for latest information. Released: 2011/03/15
Sunlord
Sunlord Industrial Park, Guanguang Road, Shenzhen, China Tel: 0755-29832660 Fax: 0755-82269029 Web:http://www.sunlordinc.com E-mail: sunlord@sunlordinc.com
SPECIFICATIONS
PZ2012 TYPE
Part Number
Impedance
Z Test Frequency
Max. DC Resistance
Max. Rated Current
Thickness
Units
Ω
MHz
Ω
mA
mm [inch]
Symbol
Z
Freq.
DCR
Ir
T
PZ2012D601-R80TF
600±25%
100
0.25
800
PZ2012U300-3R0TF
30±25%
100
0.02
3000
PZ2012U300-4R0TF
30±25%
100
0.015
4000
PZ2012U600-3R0TF
60±25%
100
0.025
3000
PZ2012U121-2R5TF
120±25%
100
0.04
2500
PZ2012U221-2R0TF
220±25%
100
0.07
2000
PZ2012U301-1R5TF
300±25%
100
0.10
1500
PZ2012U421-1R0TF
420±25%
100
0.20
1000
PZ2012U601-R80TF
600±25%
100
0.25
800
0.85±0.2
[.033±.008]
PZ3216 TYPE
Part Number
Impedance
Z Test Frequency
Max. DC Resistance
Max. Rated Current
Thickness
Units
Ω
MHz
Ω
mA
mm [inch]
Symbol
Z
Freq.
DCR
Ir
T
PZ3216D190-6R0TF
19±25%
100
0.010
6000
PZ3216D380-5R0TF
38±25%
100
0.015
5000
PZ3216D600-4R0TF
60±25%
100
0.02
4000
PZ3216D121-2R5TF
120±25%
100
0.04
2500
PZ3216D501-2R0TF
500±25%
100
0.07
2000
PZ3216D601-1R5TF
600±25%
100
0.10
1500
PZ3216U300-6R0TF
30±25%
100
0.01
6000
PZ3216U600-4R0TF
60±25%
100
0.025
4000
PZ3216U121-3R0TF
120±25%
100
0.03
3000
PZ3216U221-2R0TF
220±25%
100
0.08
2000
PZ3216U301-2R0TF
300±25%
100
0.10
2000
PZ3216U391-2R0TF
390±25%
100
0.07
2000
PZ3216U601-1R5TF
600±25%
100
0.10
1500
PZ3216U102-R50TF
1000±25%
100
0.30
500
0.85±0.2
[.033±.008]
Note: The thickness of PZ3216 series may be increased to 1.1±0.2 mm when the Ir of product increased.
PZ4516 TYPE
Part Number
Impedance
Z Test Frequency
Max. DC Resistance
Max. Rated Current
Thickness
Units
Ω
MHz
Ω
mA
mm [inch]
Symbol
Z
Freq.
DCR
Ir
T
PZ4516U600-6R0TF
60±25%
100
0.01
6000
PZ4516U720-6R0TF
72±25%
100
0.01
6000
PZ4516U181-3R0TF
180±25%
100
0.025
3000
PZ4516U471-2R0TF
470±25%
100
0.05
2000
1.6±0.2
[.063±.008]
※
: Products with other electrical characteristics can be provided upon customer’s request. Please contact your local sales.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com