Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60403DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60403DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60403DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60403DBVT Datasheet HTML 9Page - Texas Instruments TPS60403DBVT Datasheet HTML 10Page - Texas Instruments TPS60403DBVT Datasheet HTML 11Page - Texas Instruments TPS60403DBVT Datasheet HTML 12Page - Texas Instruments TPS60403DBVT Datasheet HTML 13Page - Texas Instruments TPS60403DBVT Datasheet HTML 14Page - Texas Instruments TPS60403DBVT Datasheet HTML 15Page - Texas Instruments TPS60403DBVT Datasheet HTML 16Page - Texas Instruments TPS60403DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The TPS6040x is a family of devices that generate an unregulated negative output voltage from an input voltage
ranging from 1.6 V to 5.5 V.
9.2 Typical Application
9.2.1 Voltage Inverter
The design guidelines provide a component selection to operate the device within the recommended operating
conditions.
TPS60400
C1–
C1+
3
5
OUT
IN
GND
1
2
4
CI
1 µF
CO
1 µF
–5 V,
Max 60 mA
Input 5 V
C(fly)
1 µF
Figure 9-1. Typical Operating Circuit
9.2.1.1 Design Requirements
The TPS6040x is connected to generate a negative output voltage from a positive input.
9.2.1.2 Detailed Design Procedure
The most common application for these devices is a charge-pump voltage inverter (see Figure 9-1). This
application requires only two external components; capacitors C(fly) and CO, plus a bypass capacitor, if
necessary. Refer to the capacitor selection section for suggested capacitor types.
For the maximum output current and best performance, three ceramic capacitors of 1 µF (TPS60400,
TPS60403) are recommended. For lower currents or higher allowed output voltage ripple, other capacitors can
also be used. It is recommended that the output capacitors has a minimum value of 1 µF. With flying capacitors
lower than 1 µF, the maximum output power decreases.
9.2.1.2.1 Capacitor Selection
To maintain the lowest output resistance, use capacitors with low ESR (see Table 9-1). The charge-pump output
resistance is a function of C(fly)'s and CO's ESR. Therefore, minimizing the charge-pump capacitor's ESR
minimizes the total output resistance. The capacitor values are closely linked to the required output current and
the output noise and ripple requirements. It is possible to only use 1-µF capacitors of the same type.
9.2.1.2.2 Input Capacitor (CI)
Bypass the incoming supply to reduce its ac impedance and the impact of the TPS6040x switching noise. The
recommended bypassing depends on the circuit configuration and where the load is connected. When the
inverter is loaded from OUT to GND, current from the supply switches between 2 x IO and zero. Therefore, use a
large bypass capacitor (for example, equal to the value of C(fly)) if the supply has high ac impedance. When the
inverter is loaded from IN to OUT, the circuit draws 2 × IO constantly, except for short switching spikes. A 0.1-µF
bypass capacitor is sufficient.
www.ti.com
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com