Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY23FS08OC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY23FS08OC
Description  Failsafe??2.5V/ 3.3V Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08OC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY23FS08OC Datasheet HTML 1Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 2Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 3Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 4Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 5Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 6Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 7Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 8Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY23FS08
Document #: 38-07518 Rev. *C
Page 2 of 12
Pin Definitions
Pin Number
Pin Name
Description
1,2
REF1,REF2
5V-tolerant, reference clock inputs[4].
4,5,10,11
CLKB[1:4]
Bank B clock outputs.[1, 2]
25,24,19,18
CLKA[1:4]
Bank A clock outputs.[1, 2]
27
FBK
Feedback input to the PLL.[1, ]
23,6,7,22
S[1:4]
Frequency select pins/PLL and DCXO bypass.[3]
14
XIN
Reference crystal input.
15
XOUT
Reference crystal output.
16
FAIL#/SAFE
Valid reference indicator. A high level indicates a valid reference input.
13
VDDC
3.3V power supply for the internal circuitry.
8,12
VDDB
2.5V or 3.3V power supply for Bank B outputs.
3,9
VSSB
Ground.
17,21
VDDA
2.5V or 3.3V power supply for Bank A outputs.
20,26
VSSA
Ground.
28
REFSEL
Reference select. Selects the active reference clock from either REF1 or REF2.
REFSEL = 1, REF1 is selected, REFSEL = 0, REF2 is selected.
Table 1. Configuration Table
S[4:1]
XTAL (MHz)
REF(MHz)
OUT(MHz)
REF:OUT
ratio
REF:XTAL
ratio
Out:XTAL ratio
Min.
Max.
Min.
Max.
Min.
Max.
0000
PLL and DCXO Bypass mode
1000
8.33
30
16.67
60.00
8.33
30.00
÷22
1
1110
9.50
30
57.00
180.00
28.50
90.00
÷26
3
0101
8.50
30
6.80
24.00
1.70
6.00
÷44/5
1/5
1011
8.33
30
25.00
90.00
6.25
22.50
÷43
3/4
0011
8.33
30
2.78
10.00
2.78
10.00
x1
1/3
1/3
1001
8.33
30
8.33
30.00
8.33
30.00
x1
1
1
1111
8.00
25
32.00
100.00
32.00
100.00
x1
4
4
1100
8.00
25
64.00
200.00
64.00
200.00
x1
8
8
0001
8.33
30
1.04
3.75
2.08
7.50
x2
1/8
1/4
0110
8.33
30
4.17
15.00
8.33
30.00
x2
1/2
1
1101
8.33
30
16.67
60.00
33.33
120.00
x2
2
4
0100
8.33
30
4.17
15.00
16.67
60.00
x4
1/2
2
1010
8.33
30
12.50
45.00
50.00
180.00
x4
3/2
6
0010
8.33
30
1.39
5.00
11.11
40.00
x8
1/6
4/3
0111
8.33
30
6.25
22.50
50.00
180.00
x8
3/4
6
Notes:
1. For normal operation, connect either one of the eight clock outputs to the FBK input.
2. Weak pull-downs on all outputs.
3. Weak pull-ups on these inputs.
4. Weak pull-downs on these inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com