Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STL1360 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2STL1360
Description  Low voltage fast-switching NPN power bipolar transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STL1360 Datasheet(HTML) 3 Page - STMicroelectronics

  2STL1360 Datasheet HTML 1Page - STMicroelectronics 2STL1360 Datasheet HTML 2Page - STMicroelectronics 2STL1360 Datasheet HTML 3Page - STMicroelectronics 2STL1360 Datasheet HTML 4Page - STMicroelectronics 2STL1360 Datasheet HTML 5Page - STMicroelectronics 2STL1360 Datasheet HTML 6Page - STMicroelectronics 2STL1360 Datasheet HTML 7Page - STMicroelectronics 2STL1360 Datasheet HTML 8Page - STMicroelectronics 2STL1360 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2STX1360 2STL1360
Electrical characteristics
3/10
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
2.1
Electrical characteristics (curves)
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = 80V
100
nA
IEBO
Emitter cut-off current
(IC =0)
VEB = 6V
100
nA
VBE
Base-emitter voltage
VCE = 2V
IC = 100mA
630
670
730
mV
VCE(sat) (1) Collector-emitter
saturation voltage
IC = 2A
IB = 100mA
IC = 3A
IB = 150mA
150
210
300
500
mV
mV
VBE(sat) (1)
Base-emitter saturation
voltage
IC = 2A
IB = 100mA
0.89
1.2
V
hFE (1)
DC current gain
IC = 0.1A
VCE = 2V
IC = 1A
VCE = 2V
80
160
280
400
td
tr
ts
tf
RESISTIVE LOAD
Delay time
Rise time
Storage time
Fall time
VCC = 10V
IC = 3A
IB1 = -IB2 = 300mA
(see figure 9)
17
81
620
54
20
100
720
65
ns
ns
ns
ns
fT
Transition frequency
IC = 0.1A
VCE = 10V
130
MHz
Figure 2.
DC current gain
Figure 3.
DC current gain



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com