Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02D Datasheet(PDF) 26 Page - Texas Instruments

Part # AMC0X02D
Description  AMC0x02D Precision, ±50mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02D Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC0X02D Datasheet HTML 22Page - Texas Instruments AMC0X02D Datasheet HTML 23Page - Texas Instruments AMC0X02D Datasheet HTML 24Page - Texas Instruments AMC0X02D Datasheet HTML 25Page - Texas Instruments AMC0X02D Datasheet HTML 26Page - Texas Instruments AMC0X02D Datasheet HTML 27Page - Texas Instruments AMC0X02D Datasheet HTML 28Page - Texas Instruments AMC0X02D Datasheet HTML 29Page - Texas Instruments AMC0X02D Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The AMC0x02D has low analog input voltage range, high accuracy, low temperature drift, and high common-
mode transient immunity. The AMC0x02D is primarily designed for shunt-based current-sensing applications
where accurate current monitoring is required in the presence of high common-mode voltages. The AMC0x02D
is preferred for isolated current sensing in motor drives, frequency inverters, and uninterruptible power-supply
applications.
8.2 Typical Application
The following image shows the AMC0x02D in a typical application. The load current flowing through an external
shunt resistor RSHUNT produces a voltage drop. The AMC0x02D high-side circuitry senses the voltage drop
across the shunt resistor, then digitizes and transfers data across the isolation barrier to the low side. Low-side
circuitry reconstructs the digitized data into an analog signal and provides the signal as a differential voltage on
the output pins.
The differential input, differential output, and high common-mode transient immunity (CMTI) of the AMC0x02D
provide reliable and accurate operation even in high-noise environments.
10
10
10nF
VDD1
GND1
INP
INN
VDD2
OUTP
OUTN
GND2
RSHUNT
1uF 100nF
Floating Gate
Driver Supply
+ DC Link
– DC Link
1uF
100nF
Low-side supply
(3.3V or 5V)
Load
ADC
1nF
1nF
Figure 8-1. Using the AMC0x02D for Current Sensing in a Typical Application
AMC0202D, AMC0302D
SBASB23 – DECEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0202D AMC0302D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com