Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2037AWAF Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2037AWAF
Description  High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2037AWAF Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2037AWAF Datasheet HTML 3Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 4Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 5Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 6Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 7Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 8Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 9Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 10Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY2037
Document Number: 38-07354 Rev. *E
Page 9 of 11
Switching Waveforms
Figure 2. Duty Cycle Timing (t1w, t1x, t1y, t1z)
Figure 3. Output Rise/Fall Time
Figure 4. Power Down Timing (synchronous and asynchronous modes)
Figure 5. Power Up Timing
t1A
t1B
OUTPUT
OUTPUT
t2
VDD
0V
t3
CLKOUT
VDD
t4
1/f
t5a
VIL
VIH
POWER
DOWN
0V
1/f
t5b
CLKOUT
T
(synchronous
[9])
(asynchronous
[10])
CLKOUT
VDD
t6
1/f
VDD – 10%
POWER
UP
0V
min. 30
μs
max. 30 ms
Notes
9. In synchronous mode the power down or output tri-state is not initiated until the next falling edge of the output clock.
10. In asynchronous mode the power down or output tri-state occurs within 25 ns regardless of position in the output clock cycle.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com