Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY23S08SC-2HT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY23S08SC-2HT
Description  3.3V Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SC-2HT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY23S08SC-2HT Datasheet HTML 1Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 2Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 3Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 4Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 5Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 6Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 7Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 8Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY23S08
3.3V Zero Delay Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07265 Rev. *G
Revised September 05, 2007
Features
■ Zero input-output propagation delay, adjustable by capacitive
load on FBK input
■ Multiple configurations, see Table 3 on page 3
■ Multiple low-skew outputs
❐ 45 ps typical output-output skew(–1)
❐ Two banks of four outputs, three-stateable by two select in-
puts
■ 10 MHz to 133 MHz operating range
■ 65 ps typical cycle-cycle jitter (–1, –1H)
■ Advanced 0.65μ CMOS technology
■ Space saving 16-pin 150-mil SOIC/TSSOP packages
■ 3.3V operation
■ Spread Aware™
Functional Description
The CY23S08 is a 3.3V zero delay buffer designed to distribute
high speed clocks in PC, workstation, datacom, telecom, and
other high performance applications.
The part has an on-chip PLL which locks to an input clock
presented on the REF pin. The PLL feedback must be driven into
the FBK pin, and can be obtained from one of the outputs. The
input-to-output propagation delay is guaranteed to be less than
350 ps, and output-to-output skew is guaranteed to be less than
250 ps.
The CY23S08 has two banks of four outputs each, which can be
controlled by the Select inputs as shown in Table 2 on page 3. If
all output clocks are not required, Bank B can be three-stated.
The select inputs also allow the input clock to be directly applied
to the output for chip and system testing purposes.
The CY23S08 PLL enters a power down state when there are no
rising edges on the REF input. In this mode, all outputs are
three-stated and the PLL is turned off, resulting in less than
50
μA of current draw. The PLL shuts down in two additional
cases as shown in Table 2 on page 3.
Multiple CY23S08 devices can accept the same input clock and
distribute it in a system. In this case, the skew between the
outputs of two devices is guaranteed to be less than 700 ps.
The CY23S08 is available in five different configurations, as
shown in Table 3 on page 3. The CY23S08–1 is the base part,
where the output frequencies equal the reference if there is no
counter in the feedback path. The CY23S08–1H is the high-drive
version of the –1, and rise and fall times on this device are much
faster.
The CY23S08–2 enables the user to obtain 2X and 1X
frequencies on each output bank. The exact configuration and
output frequencies depends on which output drives the feedback
pin. The CY23S08–2H is the high-drive version of the –2, and
rise and fall times on this device are much faster.
The CY23S08–3 enables the user to obtain 4X and 2X
frequencies on the outputs.
The CY23S08–4 enables the user to obtain 2X clocks on all
outputs. Thus, the part is extremely versatile, and can be used
in a variety of applications.
Logic Block Diagram
REF
CLKA1
CLKA2
CLKA3
CLKA4
FBK
PLL
MUX
Select Input
Decoding
S2
S1
CLKB1
CLKB2
CLKB3
CLKB4
/2
Extra Divider (–2, –2H, –3)
/2
Extra Divider (–3, –4)
[+] Feedback


Similar Part No. - CY23S08SC-2HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S08SC-2HT CYPRESS-CY23S08SC-2HT Datasheet
166Kb / 8P
3.3V Zero Delay Buffer
CY23S08SC-2HT CYPRESS-CY23S08SC-2HT Datasheet
382Kb / 10P
3.3V Zero Delay Buffer
More results

Similar Description - CY23S08SC-2HT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
3.3V Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com