Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-NSHT-LAB Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-NSHT-LAB
Description  Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-NSHT-LAB Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-NSHT-LAB Datasheet HTML 1Page - Bourns Electronic Solutions MF-NSHT-LAB Datasheet HTML 2Page - Bourns Electronic Solutions MF-NSHT-LAB Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
High Temperature SMD, Radial and Standard SMD Series
Page 2 of 3
Bourns continues to broaden its portfolio of Multifuse® PPTC Resettable Fuses to address the growing
need for effective overcurrent protection in a variety of applications including transportation, telecom and
networking equipment, computing and server storage, portable memory, handheld electronics and gaming
systems, smart appliances, battery charging and power management, robotics and industrial automation.
Bourns® Multifuse® PPTC Resettable Fuses are RoHS compliant*, halogen free** (for selected series) and
UL / CSA / TÜV recognized.
Design Kit
Component Models Included
Footprint
Rated Current
Rated Voltage
AEC-Q200
Compliant
MF-RX/72-LAB
MF-RX090/72, MF-RX110/72, MF-RX135/72,
MF-RX160/72, MF-RX185/72, MF-RX250/72,
MF-RX300/72 & MF-RX375/72
---
0.9 A - 3.75 A
72 VDC
No
Radial Leaded, Through-hole Series
Design Kit
Component Models Included
Footprint
Rated Current
Rated Voltage
AEC-Q200
Compliant
MF-FSMF-LAB
MF-FSMF010X, MF-FSMF020X, MF-FSMF025X,
MF-FSMF035X & MF-FSMF050X
0603
0.1 A - 0.5 A
6 VDC - 15 VDC
No
MF-PSMF-LAB
MF-PSMF010X, MF-PSMF010/24X, MF-PSMF020X,
MF-PSMF050X, MF-PSMF075X & MF-PSMF110X
0805
0.1 A - 1.1 A
6 VDC - 24 VDC
No
MF-LSMF-LAB1
MF-LSMF030X, MF-LSMF050X, MF-LSMF075/60X,
MF-LSMF110/60X, MF-LSMF125/33X &
MF-LSMF150/33X
2920
0.3 A - 1.5 A
33 VDC - 60 VDC
No
MF-LSMF-LAB2
MF-LSMF185/33X, MF-LSMF260/16X,
MF-LSMF330/24X, MF-LSMF400/16X,
MF-LSMF500/16X & MF-LSMF600/12X
2920
1.85 A - 6.0 A
12 VDC - 33 VDC
No
MF-NSMF-LAB
MF-NSMF005/60X, MF-NSMF010/60X,
MF-NSMF012/48X, MF-NSMF025/30X,
MF-NSMF050/24X, MF-NSMF075/16X,
MF-NSMF110/16X & MF-NSMF125/8X
1206
0.05 A - 1.25 A
8 VDC - 60 VDC
No
Surface Mount Standard Series
~ Continued ~



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com