Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2310ANZPVC-1 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2310ANZPVC-1
Description  3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2310ANZPVC-1 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2310ANZPVC-1 Datasheet HTML 1Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2310ANZPVC-1 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY2310ANZ
Document #: 38-07142 Rev. *B
Page 2 of 8
Device Functionality
Serial Configuration Map
• The Serial bits will be read by the clock driver in the following
order:
Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0
.
Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0
• Reserved and unused bits should be programmed to “0”.
• Serial interface address for the CY2310ANZ is:
Pin Summary
Name
Pins
Description
VDD
1, 5, 10, 19, 24, 28
3.3V Digital voltage supply
VSS
4, 8, 12, 17, 21, 25
Ground
VDDIIC
13
Serial interface voltage supply
VSSIIC
16
Ground for serial interface
BUF_IN
9
Input clock
OE
20
Output Enable, three-states outputs when LOW. Internal pull-up to VDD
SDATA
14
Serial data input, internal pull-up to VDD
SCLK
15
Serial clock input, internal pull-up to VDD
SDRAM [0–3]
2, 3, 6, 7
SDRAM byte 0 clock outputs
SDRAM [4–7]
22, 23, 26, 27
SDRAM byte 1 clock outputs
SDRAM [8–9]
11, 18
SDRAM byte 2 clock outputs
OE
SDRAM [0–17]
0
High-Z
1
1 x BUF_IN
A6
A5
A4
A3
A2
A1
A0
R/W
1101001
----
Byte 0:SDRAM Active/Inactive Register
(1 = Enable, 0 = Disable), Default = Enabled
Bit
Pin #
Description
Bit 7 --
Initialize to 0
Bit 6 --
Initialize to 0
Bit 5 --
Initialize to 0
Bit 4 --
Initialize to 0
Bit 3 7
SDRAM3 (Active/Inactive)
Bit 2 6
SDRAM2 (Active/Inactive)
Bit 1 3
SDRAM1 (Active/Inactive)
Bit 0 2
SDRAM0 (Active/Inactive)
Byte 1: SDRAM Active/Inactive Register
(1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7
27
SDRAM7 (Active/Inactive)
Bit 6
26
SDRAM6 (Active/Inactive)
Bit 5
23
SDRAM5 (Active/Inactive)
Bit 4
22
SDRAM4 (Active/Inactive)
Bit 3
--
Initialize to 0
Bit 2
--
Initialize to 0
Bit 1
--
Initialize to 0
Bit 0
--
Initialize to 0
Byte 2: SDRAM Active/Inactive Register
(1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7
18
SDRAM9 (Active/Inactive)
Bit 6
11
SDRAM8 (Active/Inactive)
Bit 5
--
Reserved, drive to 0
Bit 4
--
Reserved, drive to 0
Bit 3
--
Reserved, drive to 0
Bit 2
--
Reserved, drive to 0
Bit 1
--
Reserved, drive to 0
Bit 0
--
Reserved, drive to 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com