Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV36W201C01B00. Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PV36W201C01B00.
Description  Trimmer Potentiometers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PV36W201C01B00. Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PV36W201C01B00. Datasheet HTML 1Page - Bourns Electronic Solutions PV36W201C01B00. Datasheet HTML 2Page - Bourns Electronic Solutions PV36W201C01B00. Datasheet HTML 3Page - Bourns Electronic Solutions PV36W201C01B00. Datasheet HTML 4Page - Bourns Electronic Solutions PV36W201C01B00. Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PV36X100C01B00
PV36X200C01B00
PV36X500C01B00
0.5 (70 °C)
25
50 ohm ±10 %
±150
PV36X101C01B00
0.5 (70 °C)
25
100 ohm ±10 %
±150
0.5 (70 °C)
25
10 ohm ±10 %
±150
0.5 (70 °C)
25
20 ohm ±10 %
±150
PV36X201C01B00
0.5 (70 °C)
25
200 ohm ±10 %
±100
PV36X501C01B00
0.5 (70 °C)
25
500 ohm ±10 %
±100
PV36X102C01B00
0.5 (70 °C)
25
1k ohm ±10 %
±100
PV36X202C01B00
0.5 (70 °C)
25
2k ohm ±10 %
±100
PV36X502C01B00
0.5 (70 °C)
25
5k ohm ±10 %
±100
PV36X103C01B00
0.5 (70 °C)
25
10k ohm ±10 %
±100
PV36X203C01B00
0.5 (70 °C)
25
20k ohm ±10 %
±100
PV36X253C01B00
0.5 (70 °C)
25
25k ohm ±10 %
±100
PV36X503C01B00
0.5 (70 °C)
25
50k ohm ±10 %
±100
PV36X104C01B00
0.5 (70 °C)
25
100k ohm ±10 %
±100
PV36X204C01B00
0.5 (70 °C)
25
200k ohm ±10 %
±100
PV36X254C01B00
0.5 (70 °C)
25
250k ohm ±10 %
±100
PV36X504C01B00
0.5 (70 °C)
25
500k ohm ±10 %
±100
PV36X105C01B00
0.5 (70 °C)
25
1M ohm ±10 %
±100
PV36X205C01B00
0.5 (70 °C)
25
2M ohm ±10 %
±100
Side Adjustment
PV36Z100C01B00
PV36Z200C01B00
PV36Z500C01B00
0.5 (70 °C)
25
50 ohm ±10 %
±150
PV36Z101C01B00
0.5 (70 °C)
25
100 ohm ±10 %
±150
0.5 (70 °C)
25
10 ohm ±10 %
±150
0.5 (70 °C)
25
20 ohm ±10 %
±150
PV36Z201C01B00
0.5 (70 °C)
25
200 ohm ±10 %
±100
PV36Z501C01B00
0.5 (70 °C)
25
500 ohm ±10 %
±100
PV36Z102C01B00
0.5 (70 °C)
25
1k ohm ±10 %
±100
PV36Z202C01B00
0.5 (70 °C)
25
2k ohm ±10 %
±100
PV36Z502C01B00
0.5 (70 °C)
25
5k ohm ±10 %
±100
PV36Z103C01B00
0.5 (70 °C)
25
10k ohm ±10 %
±100
PV36Z203C01B00
0.5 (70 °C)
25
20k ohm ±10 %
±100
PV36Z253C01B00
0.5 (70 °C)
25
25k ohm ±10 %
±100
PV36Z503C01B00
0.5 (70 °C)
25
50k ohm ±10 %
±100
PV36Z104C01B00
0.5 (70 °C)
25
100k ohm ±10 %
±100
PV36Z204C01B00
0.5 (70 °C)
25
200k ohm ±10 %
±100
PV36Z254C01B00
0.5 (70 °C)
25
250k ohm ±10 %
±100
PV36Z504C01B00
0.5 (70 °C)
25
500k ohm ±10 %
±100
PV36Z105C01B00
0.5 (70 °C)
25
1M ohm ±10 %
±100
PV36Z205C01B00
0.5 (70 °C)
25
2M ohm ±10 %
±100
PV36P100C01B00
PV36P200C01B00
PV36P500C01B00
0.5 (70 °C)
25
50 ohm ±10 %
±150
PV36P101C01B00
0.5 (70 °C)
25
100 ohm ±10 %
±150
0.5 (70 °C)
25
10 ohm ±10 %
±150
0.5 (70 °C)
25
20 ohm ±10 %
±150
PV36P201C01B00
0.5 (70 °C)
25
200 ohm ±10 %
±100
PV36P501C01B00
0.5 (70 °C)
25
500 ohm ±10 %
±100
PV36P102C01B00
0.5 (70 °C)
25
1k ohm ±10 %
±100
PV36P202C01B00
0.5 (70 °C)
25
2k ohm ±10 %
±100
PV36P502C01B00
0.5 (70 °C)
25
5k ohm ±10 %
±100
PV36P103C01B00
0.5 (70 °C)
25
10k ohm ±10 %
±100
PV36P203C01B00
0.5 (70 °C)
25
20k ohm ±10 %
±100
PV36P253C01B00
0.5 (70 °C)
25
25k ohm ±10 %
±100
PV36P503C01B00
0.5 (70 °C)
25
50k ohm ±10 %
±100
PV36P104C01B00
0.5 (70 °C)
25
100k ohm ±10 %
±100
PV36P204C01B00
0.5 (70 °C)
25
200k ohm ±10 %
±100
PV36P254C01B00
0.5 (70 °C)
25
250k ohm ±10 %
±100
PV36P504C01B00
0.5 (70 °C)
25
500k ohm ±10 %
±100
PV36P105C01B00
0.5 (70 °C)
25
1M ohm ±10 %
±100
PV36P205C01B00
0.5 (70 °C)
25
2M ohm ±10 %
±100
PV36.pdf
08/19
Operating Temperature Range: -55 to +125 °C
Soldering Method: Wave (Single and Dual)
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com