Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV36W203C01B00. Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PV36W203C01B00.
Description  Trimmer Potentiometers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PV36W203C01B00. Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PV36W203C01B00. Datasheet HTML 1Page - Bourns Electronic Solutions PV36W203C01B00. Datasheet HTML 2Page - Bourns Electronic Solutions PV36W203C01B00. Datasheet HTML 3Page - Bourns Electronic Solutions PV36W203C01B00. Datasheet HTML 4Page - Bourns Electronic Solutions PV36W203C01B00. Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PV36.pdf
08/19
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PV36W100C01B00
PV36W200C01B00
PV36W500C01B00
0.5 (70 °C)
25
50 ohm ±10 %
±150
0.5 (70 °C)
25
10 ohm ±10 %
±150
0.5 (70 °C)
25
20 ohm ±10 %
±150
PV36W101C01B00
0.5 (70 °C)
25
100 ohm ±10 %
±150
PV36W201C01B00
0.5 (70 °C)
25
200 ohm ±10 %
±100
PV36W501C01B00
0.5 (70 °C)
25
500 ohm ±10 %
±100
PV36W102C01B00
0.5 (70 °C)
25
1k ohm ±10 %
±100
PV36W202C01B00
0.5 (70 °C)
25
2k ohm ±10 %
±100
PV36W502C01B00
0.5 (70 °C)
25
5k ohm ±10 %
±100
PV36W103C01B00
0.5 (70 °C)
25
10k ohm ±10 %
±100
PV36W203C01B00
0.5 (70 °C)
25
20k ohm ±10 %
±100
PV36W253C01B00
0.5 (70 °C)
25
25k ohm ±10 %
±100
PV36W503C01B00
0.5 (70 °C)
25
50k ohm ±10 %
±100
PV36W104C01B00
0.5 (70 °C)
25
100k ohm ±10 %
±100
PV36W204C01B00
0.5 (70 °C)
25
200k ohm ±10 %
±100
PV36W254C01B00
0.5 (70 °C)
25
250k ohm ±10 %
±100
PV36W504C01B00
0.5 (70 °C)
25
500k ohm ±10 %
±100
PV36W105C01B00
0.5 (70 °C)
25
1M ohm ±10 %
±100
PV36W205C01B00
0.5 (70 °C)
25
2M ohm ±10 %
±100
PV36Y100C01B00
PV36Y200C01B00
PV36Y500C01B00
0.5 (70 °C)
25
50 ohm ±10 %
±150
0.5 (70 °C)
25
10 ohm ±10 %
±150
0.5 (70 °C)
25
20 ohm ±10 %
±150
PV36Y101C01B00
0.5 (70 °C)
25
100 ohm ±10 %
±150
PV36Y201C01B00
0.5 (70 °C)
25
200 ohm ±10 %
±100
PV36Y501C01B00
0.5 (70 °C)
25
500 ohm ±10 %
±100
PV36Y102C01B00
0.5 (70 °C)
25
1k ohm ±10 %
±100
PV36Y202C01B00
0.5 (70 °C)
25
2k ohm ±10 %
±100
PV36Y502C01B00
0.5 (70 °C)
25
5k ohm ±10 %
±100
PV36Y103C01B00
0.5 (70 °C)
25
10k ohm ±10 %
±100
PV36Y203C01B00
0.5 (70 °C)
25
20k ohm ±10 %
±100
PV36Y253C01B00
0.5 (70 °C)
25
25k ohm ±10 %
±100
PV36Y503C01B00
0.5 (70 °C)
25
50k ohm ±10 %
±100
PV36Y104C01B00
0.5 (70 °C)
25
100k ohm ±10 %
±100
PV36Y204C01B00
0.5 (70 °C)
25
200k ohm ±10 %
±100
PV36Y254C01B00
0.5 (70 °C)
25
250k ohm ±10 %
±100
PV36Y504C01B00
0.5 (70 °C)
25
500k ohm ±10 %
±100
PV36Y105C01B00
0.5 (70 °C)
25
1M ohm ±10 %
±100
PV36Y205C01B00
0.5 (70 °C)
25
2M ohm ±10 %
±100
Operating Temperature Range: -55 to +125 °C
Top Adjustment
Soldering Method: Wave (Single and Dual)
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com