Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-005 Datasheet(PDF) 1 Page - Brainboxes Limited

Part # SW-005
Description  SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

SW-005 Datasheet(HTML) 1 Page - Brainboxes Limited

  SW-005 Datasheet HTML 1Page - Brainboxes Limited SW-005 Datasheet HTML 2Page - Brainboxes Limited SW-005 Datasheet HTML 3Page - Brainboxes Limited SW-005 Datasheet HTML 4Page - Brainboxes Limited SW-005 Datasheet HTML 5Page - Brainboxes Limited SW-005 Datasheet HTML 6Page - Brainboxes Limited SW-005 Datasheet HTML 7Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MK-114
SPRING LOADED DIN RAIL MOUNT 35MM
WIDTH
Product Dimensions = 68(l) x 8(w) x 35(h)
mm/ 2.68(l) x 0.31(w) x 1.38(h) inches
Packaged Weight = 0.048kg, 0.105 pounds
This light weight spring loaded mount can be
attached to any modular device for easy DIN rail
mounting. Contains: 1 screw on mount (plastic)
Accessories
76.5mm x 20mm x 8mm
68mm x 35mm x 8mm


Similar Part No. - SW-005

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
SW-005 BLACKBOX-SW-005 Datasheet
900Kb / 4P
5 Port Unmanaged Ethernet Switch Wall Mountable
More results

Similar Description - SW-005

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
Cooper Bussmann, Inc.
15188-3-R-S COOPER-15188-3-R-S Datasheet
130Kb / 1P
Disconnect terminal blocks for 35mm DIN rail mount.
15188 COOPER-15188 Datasheet
130Kb / 1P
Disconnect terminal blocks for 35mm DIN rail mount
logo
List of Unclassifed Man...
84130105 ETC2-84130105 Datasheet
533Kb / 4P
DIN-Rail Mountable Single Point Output Modules (35mm DIN)
logo
Mill-Max Mfg. Corp.
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
List of Unclassifed Man...
DNR-4790 ETC2-DNR-4790 Datasheet
31Kb / 1P
35mm DIN MOUNTING RAIL
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
Panel mount or 35mm Din Rail (EN50022)
logo
Mill-Max Mfg. Corp.
807-22-001-30-000101 MILL-MAX-807-22-001-30-000101 Datasheet
118Kb / 3P
Spring-Loaded Insulated Spring Pin Spring-Loaded Header
logo
Crydom Inc.,
DRK1 CRYDOM-DRK1_17 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
logo
COSEL CO., LTD.
KHNA240F-24 COSEL-KHNA240F-24 Datasheet
3Mb / 20P
For DIN (35mm) rail products
June 29, 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com