Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22701FSXCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY22701FSXCT
Description  1 PLL In-System Programmable Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22701FSXCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY22701FSXCT Datasheet HTML 3Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 4Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 5Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 6Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 7Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 8Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 9Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 10Page - Cypress Semiconductor CY22701FSXCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PRELIMINARY
CY22701
Document #: 38-07698 Rev. *B
Page 7 of 15
Clock Output Settings
CLKSRC - Clock Output Crosspoint Switch Matrix
[45H(7..0)]
Both clock output can be defined to come from one of seven
unique frequency sources. The CLKSRC(2..0) crosspoint
switch matrix defines which source is attached to each
individual clock output. CLKSRC(2..0) is set in Registers 45H.
When DIV1N is divisible by 4, then CLKSRC(0,1,0) is
guaranteed
to
be
rising
edge
phase-aligned
with
CLKSRC(0,0,1). When DIV1N is 6, then CLKSRC(0,1,1) is
guaranteed
to
be
rising
edge
phase-aligned
with
CLKSRC(0,0,1).
When DIV2N is divisible by 4, then CLKSRC(1,0,1) is
guaranteed
to
be
rising
edge
phase-aligned
with
CLKSRC(1,0,0). When DIV2N is divisible by 8, then
CLKSRC(1,1,0) is guaranteed to be rising edge phase-aligned
with CLKSRC(1,0,0).
CLKOE - Clock Output Enable Control [09H(7..0)]
Each clock output has its own output enable, CLKOE,
controlled by register 09H(7..0). To enable an output, set the
corresponding CLKOE bit to 1. CLKOE settings are in
Table 13.
Test, Reserved, and Blank Registers
Writing to any of the following registers will cause the part to
exhibit abnormal behavior:
[00H to 08H] – Reserved
[0AH to 0BH] – Reserved
[0DH to 10H] –Reserved
[14H to 3FH] –Reserved
[43H to 44H] –Reserved
[48H to FFH] –Reserved
[46H] –Reserved
Table 11.Clock Output Settings – Clock Source CLKSRC[2:0]
CLKSRC2
CLKSRC1
CLKSRC0
Definition and Notes
0
0
0
Reference Input
0
0
1
DIV1CLK/DIV1N. DIV1N is defined by register [OCH]. Allowable values for DIV1N are
4 to 127. If Divider Bank 1 is not being used, set DIV1N to 8
0
1
0
DIV1CLK/2. Fixed /2 divider option. If this option is used, DIV1N must be divisible by 4.
0
1
1
DIV1CLK/3. Fixed /3 divider option. If this option is used, set DIV1N to 6.
1
0
0
DIV2CLK/DIV2N. DIV2N is defined by Register [47H]. Allowable values for DIV2N are
4 to 127. If Divider Bank 2 is not being used, set DIV2N to 8.
1
0
1
DIV2CLK/2. Fixed /2 divider option. If this option is used, DIV2N must be divisible by 4.
1
1
0
DIV2CLK/4. Fixed /4 divider option. If this option is used, DIV2N must be divisible by 8.
1
1
1
Reserved – Do not use
Table 12.CLKSRC Registers
Address
D7D6D5
D4D3D2D1
D0
45H
1
CLKSRC2
for CLK1
CLKSRC1
for CLK1
CLKSRC0
for CLK1
CLKSRC2
for CLK2
CLKSRC1
for CLK2
CLKSRC0
for CLK2
1
Table 13.CLKOE Bit Setting
Address
D7
D6
D5D4
D3
D2D1
09H
0
0
0
CLKOE for
CLK2
CLKOE for
CLK1
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com