Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO51 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDO51
Description  IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO51 Datasheet(HTML) 3 Page - STMicroelectronics

  LDO51 Datasheet HTML 1Page - STMicroelectronics LDO51 Datasheet HTML 2Page - STMicroelectronics LDO51 Datasheet HTML 3Page - STMicroelectronics LDO51 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDO_51
3/4
100
1000
10000
100000
0
50
100
150
200
250
300
350
400
450
500
550
600
650
FREQUENCY (Hz)
100
1000
10000
100000
20
30
40
50
60
FREQUENCY (Hz)
TYPICAL CHARACTERISTICS
Figure 5 : Load Transient (rising edge)
Figure 6 : Load Transient (falling edge)
Figure 7 : PSRR vs Frequency
(ILOAD max - VIN min)
Figure 8 : Noise vs Frequency
(ILOAD max - VIN min)
Figure 3 : Line transient
Figure 4 : Settling Time



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com