Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5912 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP5912
Description  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5912 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 6Page - Texas Instruments LP5912 Datasheet HTML 7Page - Texas Instruments LP5912 Datasheet HTML 8Page - Texas Instruments LP5912 Datasheet HTML 9Page - Texas Instruments LP5912 Datasheet HTML 10Page - Texas Instruments LP5912 Datasheet HTML 11Page - Texas Instruments LP5912 Datasheet HTML 12Page - Texas Instruments LP5912 Datasheet HTML 13Page - Texas Instruments LP5912 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
6.7 Typical Characteristics (continued)
VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, and TJ = 25°C (unless otherwise noted)
IOUT (mA)
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
400
450
500
D059
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 6-19. LP5912-3.3 IQ(SD) vs IOUT
Frequency (Hz)
10 20
100
1000
10000
100000 1000000
1E+7
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D011
VIN = 1.6 V, IOUT = 20 mA
Figure 6-20. LP5912-0.9 PSRR vs Frequency
Frequency (Hz)
10 20
100
1000
10000
100000 1000000
1E+7
-120
-100
-80
-60
-40
-20
0
D012
IOUT = 1 mA
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
VIN = 1.6 V
Figure 6-21. LP5912-0.9 PSRR vs Frequency
Frequency (Hz)
10 20
100
1000
10000
100000 1000000
1E+7
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D013
IOUT = 20 mA
Figure 6-22. LP5912-1.8 PSRR vs Frequency
Frequency (Hz)
10 20
100
1000
10000
100000 1000000
1E+7
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D014
IOUT = 1 mA
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
Figure 6-23. LP5912-1.8 PSRR vs Frequency
Frequency (Hz)
10 20
100
1000
10000
100000 1000000
1E+7
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D015
IOUT = 20 mA
Figure 6-24. LP5912-3.3 PSRR vs Frequency
LP5912-EP
SNVSC57 – SEPTEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com