Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1455L2202.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1455L2202..
Description  EXTRUSION DESIGNED FOR 100MM WIDE PC BOARD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1455L2202.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1455L2202.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1455L2202
1455L2202BK
Clear Anodized
Black Anodized
See website for accessories.
ACCESSORIES
NOTE
Purchased assembly includes box, plastic bezels, #6 Taptight
screws and self adhesive rubber feet.
1455L2202
PART NUMBERS
Box made from Extruded Aluminum 6063.
Bezels made with ABS.
1
1
2
2
A
A
B
B
A
A
BB
9.00
[.354]
30.63
[1.206]
106.13
[4.178]
33.63
[1.324]
95.02
[3.741]
22.58
[.889]
103.13
[4.060]
.50
[.020]
6.00
[.236]
Extrusion
Slot Details
1455L2202
Closed Bezel
103.00
[4.055]
100.00
[3.937]
95.00
[3.740]
27.56
[1.085]
30.51
[1.201]
5.69
[.224]
2.00
[.079]
1.50
[.059]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Solid models of this enclosure available in STEP or IGES.
Contact Factory
mjm@hammondmfg.com
220.00 - .50
.50
+
8.661 - .020
.020
+
[]
EXTRUSION DESIGNED FOR 100MM WIDE PC BOARD


Similar Part No. - 1455L2202..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1455L2202 HAMMOND-1455L2202 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
1455L2202BK HAMMOND-1455L2202BK Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
More results

Similar Description - 1455L2202..

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-C34-2G-41E BRIGHT-BL-C34-2G-41E Datasheet
129Kb / 2P
Designed for ease in circuit board assembly
logo
fujitsu semiconductor
FCN-260H FUJITSU-FCN-260H Datasheet
344Kb / 7P
FOR CONNECTING PC BOARD TO PC BOARD
logo
RF Monolithics, Inc
SF2135A RFM-SF2135A Datasheet
120Kb / 4P
Designed for Wide Channel IF Filtering
logo
Tyco Electronics
735187 MACOM-735187 Datasheet
30Kb / 1P
2.8 MM TAB FOR PC BOARD
logo
Lite-On Technology Corp...
LTL-533-11P2 LITEON-LTL-533-11P2 Datasheet
210Kb / 4P
Designed for ease in circuit board assembly
LTL-4211NHBP LITEON-LTL-4211NHBP Datasheet
198Kb / 4P
Designed for ease in circuit board assembly
LTL-10233WHC LITEON-LTL-10233WHC Datasheet
226Kb / 4P
Designed for ease in circuit board assembly
logo
DFI Inc
KSM-SD DFI-KSM-SD Datasheet
1Mb / 6P
Modular-Designed Industrial Panel PC
KSM-KH DFI-KSM-KH Datasheet
1Mb / 6P
Modular-Designed Industrial Panel PC
KSM-AL DFI-KSM-AL Datasheet
1Mb / 9P
Modular-Designed Industrial Panel PC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com