Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO512 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDO512
Description  IP Library: Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO512 Datasheet(HTML) 4 Page - STMicroelectronics

  LDO512 Datasheet HTML 1Page - STMicroelectronics LDO512 Datasheet HTML 2Page - STMicroelectronics LDO512 Datasheet HTML 3Page - STMicroelectronics LDO512 Datasheet HTML 4Page - STMicroelectronics LDO512 Datasheet HTML 5Page - STMicroelectronics LDO512 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LDO_512
4/6
0
20
406080
100
2810
2811
2812
2813
OUTPUT CURRENT (µA)
Vin=5.1V
Vin=3.0V
010
20
30
2790
2795
2800
2805
OUTPUT CURRENT (mA)
Vin=5.1V
Vin=3.0V
2810
2811
2812
2813
INPUT VOLTAGE (V)
3.0
3.5
4.0
4.5
5.1
no load
Iload=100µA
2790
2795
2800
2805
2810
INPUT VOLTAGE (V)
3.0
3.5
4.0
4.5
5.1
no load
Iload=15mA
Iload=30mA
Figure 9 : Output Voltage vs Input Voltage
(Line Regulation)
Figure 10 : Output Voltage vs Input Voltage
(Line Regulation - Stand-by mode)
Figure 13 : Output Voltage vs Output Current
(Load Regulation)
Figure 14 : Output Voltage vs Output Current
(Load Regulation - Stand-by mode)
Figure 11 : Line Transient
(rising egde ; Vin min ; Iload max)
Figure 12 : Line Transient
(falling egde ; Vin min ; Iload max)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com