Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD15C Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # ASD15C
Description  1-Line Bi-directional TVS Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

ASD15C Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  ASD15C Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. ASD15C Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. ASD15C Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. ASD15C Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. ASD15C Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. ASD15C Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd. ASD15C Datasheet HTML 7Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ASD15C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
15
V
Breakdown Voltage
VBR
16.7
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 15V
Clamping Voltage
VC
20
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
25
V
IPP = 16A (8 x 20µs pulse)
Peak Pulse Current
Ipp
16
A
tp = 8/20μs
Junction Capacitance
CJ
30
80
pF
VR = 0V, f = 1MHz
ASD24C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
24
V
Breakdown Voltage
VBR
27
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 24V
Clamping Voltage
VC
40
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
50
V
IPP = 10A (8 x 20µs pulse)
Peak Pulse Current
Ipp
10
A
tp = 8/20μs
Junction Capacitance
CJ
30
50
pF
VR = 0V, f = 1MHz
ASD18C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
18
V
Breakdown Voltage
VBR
19.8
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 18V
Clamping Voltage
VC
25
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
38
V
IPP = 13A (8 x 20µs pulse)
Peak Pulse Current
Ipp
13
A
tp = 8/20μs
Junction Capacitance
CJ
30
60
pF
VR = 0V, f = 1MHz
ASD33C THRU ASD40C
www.shunyegroup.com.cn
V2.22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com