Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO513 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDO513
Description  IP Library: Power Supply Range 2.9V to 13V, Low Power, 50mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO513 Datasheet(HTML) 2 Page - STMicroelectronics

  LDO513 Datasheet HTML 1Page - STMicroelectronics LDO513 Datasheet HTML 2Page - STMicroelectronics LDO513 Datasheet HTML 3Page - STMicroelectronics LDO513 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDO_513
2/4
ELECTRICAL CHARACTERISTICS
2.9V < VIN < 13V, -30°C < TA < +85°C, COUT = 1µF ±20%, 20mΩ < ESR < 0.6Ω, ILOAD = 50mA.
Typical case: VIN = 4V, T = 25°C, COUT = 1µF.
Notes: 1. Above characteristics are given for 2.9V minimum input operating range voltage, but regulator
is operational with 2.7V minimum input voltage.
2. All parameters are guaranteed with 200mV min Dropout voltage.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input Voltage Range (Note 1)
VIN
2.9
13
V
Output Voltage
Vout
1.8
5
V
Output Voltage Accuracy
3
%
Output current
IOUT
50
mA
Dropout Voltage
∆V
DO
∆V
OUT = 50mV,
ILOAD = 50mA
70
mV
(Note 2)
200
Quiescent current
IQ
ILOAD = 100µA
40
µA
ILOAD = 10mA
100
ILOAD = 50mA
270
340
Power down mode quiescent
current
IQPDM
Power down active
100
nA
Power Supply Rejection Ratio
PSRR
DC
45
60
dB
f = 10KHz
40
60
Line Regulation
LIR
ILOAD = 50mA,
VIN = 3V to 13V
3mV
Load Regulation
LDR
ILOAD = 100µA - 50mA
40
mV
Line Transient
LIRT
∆V
IN = 300mV
tRISE = tFALL = 10µs
3mV
Load Transient
LDTR
ILOAD=100µA - 50mA
in 10µs
6mV
Output Noise Voltage
en
100Hz
1.2
1KHz
400
10KHz
150
100KHz
70
enRMS
BW : 100Hz to 100KHz
35
µVRMS
Output decoupling Capacitor
COUT
1µF
Settling time
From power down to
active mode
120
µs
Short Circuit Current Limit
ISHORT
100
220
mA
µV
Hz
------------
nV
Hz
------------



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com