Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO514 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDO514
Description  IP Library: High PSRR, Very Low power, 200mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO514 Datasheet(HTML) 3 Page - STMicroelectronics

  LDO514 Datasheet HTML 1Page - STMicroelectronics LDO514 Datasheet HTML 2Page - STMicroelectronics LDO514 Datasheet HTML 3Page - STMicroelectronics LDO514 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDO_514
3/4
10
60
110
160
210
2710
2720
2730
2740
2750
OUTPUT CURRENT (mA)
Vin=5.5V
Vin=4.0V
Vin=3.0V
2795
2797
2799
2801
2803
2805
INPUT VOLTAGE (V)
3.00
3.20
3.40
3.50
3.80
4.00
4.50
5
5.1
Full Load
1
10
100
1000
10000
100000
1000000
10000000
-65
-55
-45
-35
-25
-15
FREQUENCY (Hz)
170m V
200m V
2V
150m V
ELECTRICAL CHARACTERISTICS : STAND-BY MODE
3V < VIN < 5.5V, -30°C < TA < +85°C, VREF = 2.8V, COUT = 4.7µF ±20%, 20mΩ < ESR < 0.6Ω.
ILOAD = 500µA.
Typical case : VIN = 4V, Ambient temperature, ILOAD = 500µA.
TYPICAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output current in stand-by mode
IOUTSTDBY
200
µA
Quiescent Current in stand-by mode
ISTDBY
ILOAD = 500µA
15
20
Power Supply Rejection Ratio in
stand-by mode
PSRRSTY
f = 10KHz
55
dB
Line Regulation in stand-by mode
LirSTBY
VIN = 3V to 5.5V
2
mV
Load Regulation in stand-by mode
LdrSTBY
ILOAD = 100µA - 500µA
1
mV
Figure 3 : PSRR vs Freq for Various Voltage Drop
(VOUT = 2.8V, Full Load)
Figure 4 : Output Voltage vs. Input Voltage
(VOUT = 2.8V, Full Load)
Figure 5 : Output Voltage vs Output Current (Load Regulation)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com