Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1946000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1946000000
Description  BLZP 5.08/04/225B SN BK BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1946000000 Datasheet(HTML) 4 Page - Weidmuller

  1946000000 Datasheet HTML 1Page - Weidmuller 1946000000 Datasheet HTML 2Page - Weidmuller 1946000000 Datasheet HTML 3Page - Weidmuller 1946000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZP 5.08/225 | BLZP 5.08/225B SN
- 4 -
1945830000
BLZP 5.08/10/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 10, 225°, Box
1945840000
BLZP 5.08/11/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 11, 225°, Box
1945850000
BLZP 5.08/12/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 12, 225°, Box
1945860000
BLZP 5.08/13/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 13, 225°, Box
1945870000
BLZP 5.08/14/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 14, 225°, Box
1945880000
BLZP 5.08/15/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 15, 225°, Box
1945890000
BLZP 5.08/16/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 16, 225°, Box
1945900000
BLZP 5.08/17/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 17, 225°, Box
1945910000
BLZP 5.08/18/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 18, 225°, Box
1945920000
BLZP 5.08/19/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 19, 225°, Box
1945930000
BLZP 5.08/20/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 20, 225°, Box
1945940000
BLZP 5.08/21/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 21, 225°, Box
1945950000
BLZP 5.08/22/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 22, 225°, Box
1945960000
BLZP 5.08/23/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 23, 225°, Box
1945970000
BLZP 5.08/24/225B SN OR BX
PCB plug-in connector, Clamping yoke connection, Clamping range,
max.: 4 mm², Pitch in mm: 5.08 mm, No. of poles: 24, 225°, Box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com