Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPBCCR8 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSPBCCR8
Description  1-Watt SMD Blue LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPBCCR8 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSPBCCR8 Datasheet HTML 1Page - OPTEK Technologies OVSPBCCR8 Datasheet HTML 2Page - OPTEK Technologies OVSPBCCR8 Datasheet HTML 3Page - OPTEK Technologies OVSPBCCR8 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Issue A .2 01/06
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. Pb content <1000 PPM.
3. To designate luminous intensity ranks, please contact OPTEK.
1-Watt SMD Blue LED Lamp (7 mm)
OVSPBCCR8
Absolute Maximum Ratings
TA = 25o C (on metal core PCB1) unless otherwise noted
Storage Temperature Range
-40 ~ +85°C
Operating Temperature Range
-40 ~ +85°C
Reverse Voltage
5 V
Continuous Forward Current
300 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
500 mA
Power Dissipation
1.3 W
Junction Temperature
+125°C
Junction-to-case2
15°C/W
Junction-to-Ambient
+45°C/W
Notes:
1. Metal core PCB defined as good heat transmission substrate (thickness of 2.0mm Al-based PCB 20x20mm, JC <15°C/W could do)
2. Rth test condition: mounted on 2.0mm Al-based PCB 20x20mm.
3. Rth test condition: mounted on 2.0 mm Al-based PCB in size of 20 x 20 mm.
Electrical Characteristics
TA = 25o C (on metal core PCB1) unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
lumen
Luminous Flux
5
11
----
lm
IF = 300 mA
VF
Forward Voltage
----
3.6
4.4
V
IF = 300 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V
D
Dominant Wavelength
464
470
476
nm
IF = 300 mA
2 ½
50% Power Angle
----
140
----
deg
IF = 300 mA
Standard Bins (IF = 300 mA)
Lamps are sorted to luminous flux ( V) and dominant wavelength ( D) and ranked as shown.
Orders for OVSPBCCR8 may be filled with any or all bins contained as below.
Rank
V5
V6
V7
Voltage (V)
3.2 ~ 3.6 V
3.6 ~ 4.0 V
4.0 ~ 4.4 V
11
9
E
7
D
5
C
468
464
472
476
Luminous Flux is at
C bin or above.
Forward Voltage (VF)
Dominant Wavelength (nm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com