Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSD2002-2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OSD2002-2
Description  PLED 20x2 Character Module Specifications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD2002-2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OSD2002-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
8
Reliability test items
NO.
Test items
Conditions
1 High temperature storage 70
oC , 240 hrs
2 Low temperature storage -30
oC,240 hrs
3 High temperature
operation
60
oC,240 hrs
4 Low temperature
operation
-20
oC, 240 hrs
5 High temperature and
high humidity storage test
40
oC, 90% RH, 240 hrs
6 Thermal shock test
-20
oC → 60 oC , 20 cycles
9
Application Note
(1) Ref. Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com