Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO518 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDO518
Description  IP Library: Low Noise, High PSRR 100mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO518 Datasheet(HTML) 3 Page - STMicroelectronics

  LDO518 Datasheet HTML 1Page - STMicroelectronics LDO518 Datasheet HTML 2Page - STMicroelectronics LDO518 Datasheet HTML 3Page - STMicroelectronics LDO518 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDO_518
3/4
ELECTRICAL CHARACTERISTICS
2V < VIN < 5V, -55°C < TA < +125°C, COUT = 2.2µF ±20%, 0.02Ω < ESR < 0.6Ω, ILOAD = 100mA.
Typical case : VIN = 4V, Ambient temperature, ILOAD = 100mA.
TYPICAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output decoupling Capacitor
COUT
2.2
µF
Cout equivalent serial resistor
ESR
0.02
0.6
Ω
Short Circuit Current Limit
ISHORT
200
400
800
mA
Settling Time
tS
35
60
µs
Figure 3 : PSRR vs Frequency for Various Dropout (VOUT =1.8V, Full Load)
1
10
100
1000
10000
100000
1000000
-70
-60
-50
-40
-30
FREQUENCY (Hz)
Drop=170m V
Drop=250m V
Drop=500m V
Drop=1V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com