Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1712AUJZ-3.3-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1712AUJZ-3.3-R7
Description  evaluation boards
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-3.3-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1712AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP1712AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP1712AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP1712AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP1712AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP1712AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP1712AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP1712AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EVAL-ADP1712/ADP1713/ADP1714
Rev. 0 | Page 5 of 8
OUTPUT VOLTAGE MEASUREMENTS
GND
GND
GND
GND
C1
C2
U1
C3
R1
R2
VIN
VOUT
EN
J1
EVAL-ADP1712/
ADP1713/ADP1714
SS/ADJ/BYP/TRK
+
_
VOLTAGE SOURCE
+
_
VOLTMETER
V
LOAD
Figure 7. Output Voltage Measurement
Figure 7 shows how the evaluation board can be connected to
a voltage source and a voltage meter for basic output voltage
accuracy measurements. A resistor can be used as the load
for the regulator. Ensure that the resistor has a power rating
adequate to handle the power expected to be dissipated across
it. An electronic load can also be used as an alternative. Ensure
that the voltage source can supply enough current for the
expected load levels.
Follow these steps to connect to a voltage source and voltage meter:
1.
Connect the negative terminal (−) of the voltage source to
one of the GND pads on the evaluation board.
2.
Connect the positive terminal (+) of the voltage source to
the VIN pad of the evaluation board.
3.
Connect a load between the VOUT pad and one of the
GND pads.
4.
Connect the negative terminal (−) of the voltage meter to
one of the GND pads, and the positive terminal (+) of the
voltage meter to the VOUT pad.
5.
The voltage source can now be turned on. If J1 is inserted
(this connects EN to VIN for automatic startup), then the
regulator powers up.
If the load current is large, the user needs to connect the voltage
meter as close as possible to the output capacitor to reduce the
effects of IR drops.
LINE REGULATION
For line regulation measurements, the regulator’s output is
monitored while its input is varied. For good line regulation,
the output must change as little as possible with varying input
levels. To ensure the device is not in dropout during this
measurement, VIN must be varied between VOUTNOM + 0.5 V
(or 2.5 V, whichever is greater) and VINMAX. For example, for
an ADP1712 with fixed 3.3 V output, VIN needs to be varied
between 3.8 V and 5.5 V. This measurement can be repeated
under different load conditions. Figure 8 shows the typical line
regulation performance of an ADP1712 with fixed 3.3 V output.
VIN (V)
3.280
3.285
3.290
3.295
3.300
3.305
5.3
3.3
3.8
4.3
4.8
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
Figure 8. Output Voltage vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com