Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT-SP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCT-SP
Description  Countersunk Zinc Plated Twinthread Woodscrew Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCT-SP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCT-SP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Screw Size v Driver Size
Gauge/mm
Driver Size
No. 4 (3mm)
PZ1
No. 6, 8, 10 (3.5, 4, 5mm)
PZ2
Gauge x Length
Qty
Gauge x Length
Qty
Gauge x Length
Qty
No. 4 x 3⁄4"
100
No. 8 x 1"
100
No. 10 x 11⁄2"
20
No. 6 x 1"
80
No. 8 x 11⁄4"
40
No. 10 x 2"
25
No. 6 x 11⁄4"
100
No. 8 x 11⁄2"
30
No. 10 x 21⁄2"
25
No. 10 x 3"
20
Price Per Kit
Quantity Per Kit
Order Code
540
146-6694●
Countersunk Zinc Plated
Twinthread Woodscrew Kit
484743
Ì Twin threaded woodscrews - For general purpose applications into both softwoods and
some types of hardwood
Ì Steel, zinc plated and surface hardened to prevent torque shearing under load
Ì 25 degree sharp point and single leading thread for fast start
Ì 60 degree twin threads with parallel shank for faster insertion and greater pull out re-
sistance
Ì Double countersink reduces likely hood of head shear
Ì Box size: 215x140x42mm with lugs on the lid for easy stacking with like boxes


Similar Part No. - PCT-SP

ManufacturerPart #DatasheetDescription
logo
Metcal
PCT-100 METCAL-PCT-100 Datasheet
1Mb / 2P
PCT-100 Pre-heater Convection Tool
PCT-100 METCAL-PCT-100 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
PCT-100-11 METCAL-PCT-100-11 Datasheet
1Mb / 2P
PCT-100 Pre-heater Convection Tool
PCT-100-11 METCAL-PCT-100-11 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
PCT-100-21 METCAL-PCT-100-21 Datasheet
1Mb / 2P
PCT-100 Pre-heater Convection Tool
More results

Similar Description - PCT-SP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HPR16SZPL HAMMOND-HPR16SZPL Datasheet
85Kb / 1P
12 GAUGE ZINC PLATED
HPR18SZPL HAMMOND-HPR18SZPL Datasheet
87Kb / 1P
12 GAUGE ZINC PLATED
HPR20SZPL HAMMOND-HPR20SZPL Datasheet
89Kb / 1P
12 GAUGE ZINC PLATED
HPR22SZPL HAMMOND-HPR22SZPL Datasheet
91Kb / 1P
12 GAUGE ZINC PLATED
logo
E-SWITCH
K200295 E-SWITCH-K200295 Datasheet
135Kb / 1P
HOUSING: NICKEL PLATED ZINC ALLOY (BLACK FACING)
K200298 E-SWITCH-K200298 Datasheet
127Kb / 1P
HOUSING: NICKEL PLATED ZINC ALLOYWITH NICKEL FACING
logo
Molex Electronics Ltd.
130112-0161 MOLEX11-130112-0161 Datasheet
40Kb / 1P
Construction Guard 1-3/4 Neck Zinc Plated
1301120079 MOLEX11-1301120079 Datasheet
43Kb / 1P
100W Guard without Reflector, Steel, Zinc Plated
1301120156 MOLEX11-1301120156 Datasheet
33Kb / 1P
Construction Guard 1-1/2 Neck Zinc Plated
logo
Amphenol Corporation
P-MUSB-B151-XX AMPHENOL-P-MUSB-B151-XX Datasheet
83Kb / 2P
OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com