Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDC6901X Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDC6901X
Description  60V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDC6901X Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDC6901X Datasheet HTML 1Page - Potens Semiconductor Corp. PDC6901X Datasheet HTML 2Page - Potens Semiconductor Corp. PDC6901X Datasheet HTML 3Page - Potens Semiconductor Corp. PDC6901X Datasheet HTML 4Page - Potens Semiconductor Corp. PDC6901X Datasheet HTML 5Page - Potens Semiconductor Corp. PDC6901X Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Potens semiconductor corp.
Ver.1.06
2
PDC6901X
60V P-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=
-250µA
-60
---
---
V
△BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25
℃ , ID=-1mA
---
-0.036
---
V/℃
IDSS
Drain-Source Leakage Current
VDS=
-60V , VGS=0V , TJ=25℃
---
---
-1
µA
VDS=
-48V , VGS=0V , TJ=125℃
---
---
-10
µA
IGSS
Gate-Source Leakage Current
VGS=
±20V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=
-10V , ID=-20A
---
7.1
8.6
m
VGS=
-4.5V , ID=-10A
---
8.8
12
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =
-250µA
-1.2
-1.6
-2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
6.3
---
mV/℃
gfs
Forward Transconductance
VDS=
-10V , ID=-3A
---
18
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3 , 4
VDS=
-48V , VGS=-10V , ID=-5A
---
141
210
nC
Qgs
Gate-Source Charge3 , 4
---
17
25.5
Qgd
Gate-Drain Charge3 , 4
---
28.6
43
Td(on)
Turn-On Delay Time3 , 4
VDD=
-48V , VGS=-10V , RG=6
ID=
-1A
---
70
140
ns
Tr
Rise Time3 , 4
---
205
410
Td(off)
Turn-Off Delay Time3 , 4
---
402
804
Tf
Fall Time3 , 4
---
197
394
Ciss
Input Capacitance
VDS=
-25V , VGS=0V , F=1MHz
---
8620
12930
pF
Coss
Output Capacitance
---
486
730
Crss
Reverse Transfer Capacitance
---
288
430
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
-72
A
ISM
Pulsed Source Current
---
---
-144
A
VSD
Diode Forward Voltage
VGS=0V , IS=
-1A , TJ=25℃
---
---
-1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=-50V,VGS=-10V,L=0.1mH,IAS=-80A.,RG=25
,Starting T
J
=25
℃.
3.
The data tested by pulsed , pulse width ≦ 300µs , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Electrical Characteristics (T
J=25
℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com