Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDC6906X Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDC6906X
Description  60V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDC6906X Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDC6906X Datasheet HTML 1Page - Potens Semiconductor Corp. PDC6906X Datasheet HTML 2Page - Potens Semiconductor Corp. PDC6906X Datasheet HTML 3Page - Potens Semiconductor Corp. PDC6906X Datasheet HTML 4Page - Potens Semiconductor Corp. PDC6906X Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Potens semiconductor corp.
Ver.1.04
2
PDC6906X
60V N-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
60
---
---
V
△BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25
℃ , ID=1mA
---
0.07
---
V/
℃
IDSS
Drain-Source Leakage Current
VDS=60V , VGS=0V , TJ=25
℃
---
---
1
uA
VDS=48V , VGS=0V , TJ=125
℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=
±20V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V , ID=15A
---
17
21
m
VGS=4.5V , ID=8A
---
20
24
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =25uA
1.2
1.8
2.2
V
△VGS(th)
VGS(th) Temperature Coefficient
---
5
---
mV/
℃
gfs
Forward Transconductance
VDS=10V , ID=10A
---
9
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge2 , 3
VDS=30V , VGS=10V , ID=15A
---
16.5
25
nC
Qgs
Gate-Source Charge2 , 3
---
2.5
3.8
Qgd
Gate-Drain Charge2 , 3
---
4
6
Td(on)
Turn-On Delay Time2 , 3
VDD=30V , VGS=10V , RG=25
ID=1A
---
7.2
14
ns
Tr
Rise Time2 , 3
---
38
72
Td(off)
Turn-Off Delay Time2 , 3
---
34
65
Tf
Fall Time2 , 3
---
8.2
16
Ciss
Input Capacitance
VDS=30V , VGS=0V , F=1MHz
---
1180
1750
pF
Coss
Output Capacitance
---
90
135
Crss
Reverse Transfer Capacitance
---
50
75
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
2.6
--
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
40
A
ISM
Pulsed Source Current
---
---
160
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25
℃
---
---
1
V
trr
Reverse Recovery Time2
VR=50V, IS=10A
dI/dt=100A/µs, TJ=25
℃
---
30
---
ns
Qrr
Reverse Recovery Charge2
---
16
---
nC
Electrical Characteristics (T
J=25
℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=25V,VGS=10V,L=0.1mH,IAS=29A.,RG=25
,Starting T
J
=25
℃.
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com