Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO53 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDO53
Description  IP Library: High PSRR, Very Low Power, 40mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO53 Datasheet(HTML) 3 Page - STMicroelectronics

  LDO53 Datasheet HTML 1Page - STMicroelectronics LDO53 Datasheet HTML 2Page - STMicroelectronics LDO53 Datasheet HTML 3Page - STMicroelectronics LDO53 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDO_53
3/4
010
20
30
40
20
40
60
80
100
OUTPUT LOAD (mA)
TYPICAL CHARACTERISTICS
Figure 7 : Load Transient - rising edge
(IL = 0 to 40 mA - VIN = 4V)
Figure 8 : Load Transient - falling edge
(IL = 40 to 0 mA - VIN = 4V)
Figure 5 : Line Transient - rising edge
(VIN = 4V + 300mV with 10µs)
Figure 6 : Line Transient - falling edge
(VIN = 4V + 300mV with 10µs)
Figure 3 : Quiescent Current vs Output Current
(IL = 0 to 40mA - VIN = 4V)
Figure 4 : Settling time
(VIN = 4V ; ILOAD = 20mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com