Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # BZX
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

BZX Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  BZX Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BZX Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. BZX Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zener Voltage
Reverse Current
Dynamic Resistance
Vz(V)
Test Condition Ir(uA)
Test Condition
rd(Ω) Test Condition
型号
TYPE
Min.
Max.
Iz(mA)
Max.
Vr(V)
Max.
Iz(mA)
BZV55B 2V0
1.96
2.04
5.0
100
1.0
85
5.0
BZV55B 2V2
2.16
2.24
5.0
75
1.0
85
5.0
BZV55B 2V4
2.35
2.45
5.0
50
1.0
85
5.0
BZV55B 2V7
2.65
2.75
5.0
10
1.0
85
5.0
BZV55B 3V0
2.94
3.06
5.0
4
1.0
85
5.0
BZV55B 3V3
3.23
3.36
5.0
2
1.0
85
5.0
BZV55B 3V6
3.53
3.67
5.0
2
1.0
85
5.0
BZV55B 3V9
3.82
3.98
5.0
2
1.0
85
5.0
BZV55B 4V3
4.21
4.38
5.0
1
1.0
75
5.0
BZV55B 4V7
4.61
4.79
5.0
0.5
1.0
60
5.0
BZV55B 5V1
5.00
5.20
5.0
0.1
1.0
35
5.0
BZV55B 5V6
5.49
5.71
5.0
0.1
1.0
25
5.0
BZV55B 6V2
6.08
6.32
5.0
0.1
2.0
10
5.0
BZV55B 6V8
6.66
6.93
5.0
0.1
3.0
8
5.0
BZV55B 7V5
7.35
7.65
5.0
0.1
5.0
7
5.0
BZV55B 8V2
8.04
8.36
5.0
0.1
6.2
7
5.0
BZV55B 9V1
8.92
9.28
5.0
0.1
6.8
10
5.0
BZV55B 10
9.80
10.20
5.0
0.1
7.5
15
5.0
BZV55B 11
10.78
11.22
5.0
0.1
8.2
20
5.0
BZV55B 12
11.76
12.24
5.0
0.1
9.1
20
5.0
BZV55B 13
12.74
13.25
5.0
0.1
10.0
26
5.0
BZV55B 15
14.70
15.29
5.0
0.1
11.0
30
5.0
BZV55B 16
15.68
16.31
5.0
0.1
12.0
40
5.0
BZV55B 18
17.64
18.35
5.0
0.1
13.0
50
5.0
BZV55B 20
19.60
20.39
5.0
0.1
15.0
55
5.0
BZV55B 22
21.56
22.43
5.0
0.1
16.0
55
5.0
BZV55B 24
23.52
24.47
5.0
0.1
18.0
80
5.0
BZV55B 27
26.46
27.53
5.0
0.1
20.0
80
5.0
BZV55B 30
29.40
30.59
5.0
0.1
22.0
80
5.0
BZV55B 33
32.34
33.65
5.0
0.1
24.0
80
5.0
BZV55B 36
35.28
36.71
5.0
0.1
27.0
80
5.0
BZV55B 39
38.22
39.76
2.5
0.1
30.0
90
2.5
BZV55B 43
42.10
43.90
2.5
0.1
33.0
90
2.5
BZV55B 47
46.00
48.00
2.5
0.1
36.0
110
2.5
BZV55B 51
49.90
52.10
2.5
0.1
39.0
125
2.5
BZV55B 56
54.80
57.20
2.5
0.1
43.0
135
2.5
BZV55B 62
60.70
63.30
2.5
0.1
47.0
150
2.5
BZV55B 68
66.60
69.40
2.5
0.1
51.0
200
2.5
BZV55B 75
73.50
76.50
2.5
0.1
56.0
250
2.5
Notes:
1) Tested with pulses tp = 20 ms.
2)VF(Max)=1.20V@ IF=100mA
3) The Zener voltages are graded according to the international E 24 standard. Smaller voltage tolerances and higher Zener voltages are upon request.
4) These diodes are also available in DO-35 case with the type designation BZX55B...
BZX/BZV55B Series
Ta=25℃ unless otherwise specified
www.shunyegroup.com.cn
V2.22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com