Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO55 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDO55
Description  IP Library: Very Low Power, Adjustable Output Voltage², 25mA Low Dropout Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO55 Datasheet(HTML) 2 Page - STMicroelectronics

  LDO55 Datasheet HTML 1Page - STMicroelectronics LDO55 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LDO_55
2/2
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
http://www.st.com
ELECTRICAL CHARACTERISTICS
3V < VIN < 5.5V, -30°C < T < +125°C, 0.8µF < COUT < 1.2µF, 20mΩ < ESR < 0.6Ω, 100µA < ILOAD < 25mA.
Typical case : VIN = 4V, T = 25°C, IOUT = 12.5mA.
Notes: 1. Above characteristics are given for 3V minimum input operating range voltage, but regulator is
operational with 2.7V minimum input voltage.
2. All parameters are guaranteed with 170mV Dropout voltage.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage Range (Note 1)
VIN
35,5
V
Output Voltage
VOUT
Adj = 0
1,8
V
Adj = 1
3
Output Voltage Accuracy
3
%
Output current
IOUT
Active mode
0,1
25
mA
Sleep mode
5
500
µA
PMOS Output Resistance
RON
0,6
Dropout Voltage
∆V
DO
∆V
OUT = 50mV,
ILOAD = 25mA
60
mV
(Note 2)
170
Quiescent current
IQ
ILOAD = 100µA,
30
40
µA
ILOAD = 25mA
60
80
µA
Stand-by mode current
IQSTDBY
ILOAD = 500µA
VOUT = 3V
20
30
µA
Power down mode quiescent current
IQPRWDWN
Power down active
100
1 000
nA
Power Supply Rejection Ratio
PSRR
f < 10KHz
40
50
dB
Load Regulation
Ldr
15
25
mV
Line Regulation
Lir
ILOAD = 25mA
5
10
mV
Line Transient
Lirt
∆V
IN = 300mV
tRISE = tFALL = 10µs
1mV
Load Transient
Ldtr
10% to 90%
and 90% to 10%
of 25mA in 10
µs
1mV
Output decoupling capacitor
COUT
1
µF
Settling time
(from power down to active mode)
tRISE
From power down
to active mode
30
70
µs
tFALL
From active mode
to power down
60
200
µs
Short Circuit Current Limit
ISHORT
100
200
250
mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com