Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS240128WRF Datasheet(PDF) 13 Page - Powertip Technology

Part # PS240128WRF
Description  Standard Value
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS240128WRF Datasheet(HTML) 13 Page - Powertip Technology

Back Button PS240128WRF Datasheet HTML 9Page - Powertip Technology PS240128WRF Datasheet HTML 10Page - Powertip Technology PS240128WRF Datasheet HTML 11Page - Powertip Technology PS240128WRF Datasheet HTML 12Page - Powertip Technology PS240128WRF Datasheet HTML 13Page - Powertip Technology PS240128WRF Datasheet HTML 14Page - Powertip Technology PS240128WRF Datasheet HTML 15Page - Powertip Technology PS240128WRF Datasheet HTML 16Page - Powertip Technology PS240128WRF Datasheet HTML 17Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PE240128WRF-001-HQ
VER.0
Page13
Pin No.
Symbol
Function
13
IF1
14
IF3
IF1
IF3
MPU interface type
H
L
80 series 8-bit parallel
L
H
68 series 8-bit parallel
L
L
IIC
15
XCS
Chip select input pins
Data/instruction I/O is enabled only when XCS is "L". When chip select is
non-active, DB0 to DB8 may be high impedance.
16
VSS
Power supply (VSS=0)
17
VDD
Power supply (VDD=3.3V)
18
CAP7P
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP7P terminal.
19
CAP1N
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP1N terminal.
20
CAP5P
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP5P terminal.
21
CAP3P
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP3P terminal.
22
CAP1N
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP1N terminal.
23
CAP1P
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP1P terminal.
24
CAP2P
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP2P terminal.
25
CAP2N
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP2N terminal.
26
CAP4P
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP4P terminal.
27
CAP2N
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP2N terminal.
28
CAP6P
DC / DC voltage converter. Connect a capacitor between this terminal and
the CAP6P terminal.
29
VLCD
LCD supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com