Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD121SL1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PD121SL1
Description  TFT-LCD module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PD121SL1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PD121SL1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PD121SL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:9
7-2) Recommended Driver Condition for Backlight
Ta=25℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Lamp Current
IL
2.0
8.0
8.5
mA
Note 7-4
Lamp Voltage
VL
450
500
550
Vrms
IL=8mA
Lamp frequency
F
45
-
80
KHz
Note 7-5
Power Consumption
PL
-
4.0
-
W
Note 7-6
Starting voltage(25℃)
(Reference Value)
VS
-
-
1010
Vrms
Note 7-7
Starting voltage(0℃)
(Reference Value)
VS
-
-
1200
Vrms
Note 7-7
Note 7-4 : In order to satisfy the quality of B/L , no matter use what kind of inverter , the output
lamp current must between Min. and Max. to avoid the abnormal display image caused
by B/L.
Note 7-5: The lamp frequency may produce interference with horizontal synchronization frequency
from the display, which might cause line flow on the display.
In order to avoid
interference,
the
lamp
frequency
should
be
detached
from
the
horizontal
synchronization frequency and its harmonics as far as possible.
Note 7-6 :Backlight lamp power consumption is calculated by IL×VL.
Note 7-7 : The” Max of starting voltage ” means the minimum voltage of inverter to turn on the
CCFL. and it should be applied to the lamp for more than 1 second to start up.
Otherwise the lamp may not be turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com