Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0010 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0010
Description  QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 3 x 4 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0010 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0010 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0010 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 3 x 4 mm body)
DIMENSIONS
mm
inches
REF.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
A2
3.20
B
0.60
C
0.25
B2
1.65
C2
2.65
D
0.25
D2
0.275
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2010 Proto Advantage Inc.
A
B
C
D
E
B2
C2
D2
A2
IIIP
P
PC
C
C0
0
00
0
01
1
10
0
0


Similar Part No. - IPC0010

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0011 PROTOADVANTAGE-IPC0011 Datasheet
46Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0012 PROTOADVANTAGE-IPC0012 Datasheet
45Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.65 mm pitch, 5 x 5 mm body)
revision 1.0
IPC0012C PROTOADVANTAGE-IPC0012C Datasheet
194Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.65 mm pitch, 5 x 5 mm body) Compact Series
revision 1.1
IPC0013 PROTOADVANTAGE-IPC0013 Datasheet
46Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.8 mm pitch, 6 x 6 mm body)
revision 1.0
IPC0014 PROTOADVANTAGE-IPC0014 Datasheet
46Kb / 2P
QFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
revision 1.0
More results

Similar Description - IPC0010

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231683 SCHURTER-231683 Datasheet
195Kb / 1P
Clip, 5 x 20 mm, Version 3
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
STA GREATECS-STA Datasheet
167Kb / 1P
4 x 3 mm Miniature SMT Tactile Switches
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
Lead-Free 6 mm 24-lead QFN Package
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
20-Pin 3x3 mm QFN package
logo
Texas Instruments
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
logo
Schurter Inc.
231683 SCHURTER-231683_V01 Datasheet
206Kb / 2P
Clip, 5 x 20 mm, Version 3
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com