Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0013 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0013
Description  QFN-20 to DIP-24 SMT Adapter (0.8 mm pitch, 6 x 6 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0013 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0013 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0013 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
QFN-20 to DIP-24 SMT Adapter (0.8 mm pitch, 6 x 6 mm body)
DIMENSIONS
mm
inches
REF.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.80
A2
4.80
B
0.80
C
0.33
B2
3.43
C2
3.43
D
0.47
D2
0.685
E
0.80
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2010 Proto Advantage Inc.
A
B
C
D
E
B2
C2
D2
A2
IIIP
P
PC
C
C0
0
00
0
01
1
13
3
3


Similar Part No. - IPC0013

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0010 PROTOADVANTAGE-IPC0010 Datasheet
46Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 3 x 4 mm body)
revision 1.0
IPC0011 PROTOADVANTAGE-IPC0011 Datasheet
46Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0012 PROTOADVANTAGE-IPC0012 Datasheet
45Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.65 mm pitch, 5 x 5 mm body)
revision 1.0
IPC0012C PROTOADVANTAGE-IPC0012C Datasheet
194Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.65 mm pitch, 5 x 5 mm body) Compact Series
revision 1.1
IPC0014 PROTOADVANTAGE-IPC0014 Datasheet
46Kb / 2P
QFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
revision 1.0
More results

Similar Description - IPC0013

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-R976-NR-1 OSRAM-LS-R976-NR-1 Datasheet
404Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
Lead-Free 6 mm 24-lead QFN Package
logo
OSRAM GmbH
LO-Q976 OSRAM-LO-Q976 Datasheet
528Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q971 OSRAM-LY-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q976 OSRAM-LY-Q976 Datasheet
242Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com