Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602AR Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PCM1602AR
Description  SPECIFICATIONS FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCM1602AR Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PCM1602AR Datasheet HTML 14Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 15Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 16Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 17Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 18Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 19Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 20Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 21Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Copyright © 2006 Pacer PLC
PAGE 21 OF 22
) 7
8
Screen Cosmetic Criteria
Item
Defect
Judgment Criterion
Partition
1
Spots
A)Clear
Size: d mm
Acceptable Qty in active area
d 0.1
Disregard
0.1<d 0.2
6
0.2<d 0.3
2
0.3<d
0
Note: Including pin holes and defective dots which must
be within one pixel size.
B)Unclear
Size: d mm
Acceptable Qty in active area
d 0.2
Disregard
0.2<d 0.5
6
0.5<d 0.7
2
0.7<d
0
Minor
2
Bubbles in Polarizer
Size: d mm
Acceptable Qty in active area
d 0.3
Disregard
0.3<d 1.0
3
1.0<d 1.5
1
1.5<d
0
Minor
3
Scratch
In accordance with spots cosmetic criteria. When the light
reflects on the panel surface, the scratches are not to be
remarkable.
Minor
4
Allowable Density
Above defects should be separated more than 30mm each
other.
Minor
5
Coloration
Not to be noticeable coloration in the viewing area of the
LCD panels.
Back-light type should be judged with back-light on state
only.
Minor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com