Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0216 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0216
Description  LED-6 to DIP-10 SMT Adapter (1.6 mm pitch, 5 x 5 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0216 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0216 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0216 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
LED-6 to DIP-10 SMT Adapter (1.6 mm pitch, 5 x 5 mm body)
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.00
B
2.20
C
1.00
B2
3.00
C2
4.00
D
0.60
D2
0.50
E
1.60
F
0.600
G
0.100
H
0.025
A
B
C
D
E
B2
C2
D2
IIP
PC
C0
02
21
16
6


Similar Part No. - IPC0216

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0210 PROTOADVANTAGE-IPC0210 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0211 PROTOADVANTAGE-IPC0211 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0212 PROTOADVANTAGE-IPC0212 Datasheet
107Kb / 2P
QFN-54 to DIP-58 SMT Adapter (0.5 mm pitch, 10 x 5.5 mm body)
revision 1.0
IPC0213 PROTOADVANTAGE-IPC0213 Datasheet
107Kb / 2P
QFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
revision 1.0
IPC0214 PROTOADVANTAGE-IPC0214 Datasheet
108Kb / 2P
MLP-12/DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body, 4 center pads 2.1x1mm & 1.65x1mm)
revision 1.0
More results

Similar Description - IPC0216

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
2 mm x 5 mm Rectangular LED Lamps
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
logo
LUMEX INC.
SML-LXFP0603SYC-TR LUMEX-SML-LXFP0603SYC-TR_17 Datasheet
89Kb / 2P
1.6 X 0.8 X 0.2 mm Ultra Thin SMT LED
SML-LXFP0603USBCTR LUMEX-SML-LXFP0603USBCTR_17 Datasheet
88Kb / 2P
1.6 X 0.8 X 0.2 mm Ultra Thin SMT LED
SML-LXFT0603SIC-TR LUMEX-SML-LXFT0603SIC-TR_17 Datasheet
62Kb / 1P
1.6 X 0.8 X 0.2 mm Ultra Thin SMT LED
SML-LXFT0603UPGCTR LUMEX-SML-LXFT0603UPGCTR_17 Datasheet
72Kb / 1P
1.6 X 0.8 X 0.2 mm Ultra Thin SMT LED
SML-LXFT0603USBCTR LUMEX-SML-LXFT0603USBCTR_17 Datasheet
71Kb / 1P
1.6 X 0.8 mm Ultra Thin SMT LED
SML-LXFT0603YC-TR LUMEX-SML-LXFT0603YC-TR_17 Datasheet
62Kb / 1P
1.6 X 0.8 mm Ultra Thin SMT LED
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com