Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO57 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDO57
Description  IP Library: High Output Current, Low power, 400mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO57 Datasheet(HTML) 2 Page - STMicroelectronics

  LDO57 Datasheet HTML 1Page - STMicroelectronics LDO57 Datasheet HTML 2Page - STMicroelectronics LDO57 Datasheet HTML 3Page - STMicroelectronics LDO57 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDO_57
2/4
ELECTRICAL CHARACTERISTICS
3V < VIN < 5.5V, -30°C < TA < +85°C, VREF = 2.8V, COUT = 4.7µF ±20%, 20mΩ < ESR < 0.6Ω,
ILOAD = 400mA.
Typical case : VIN = 4V, T = 25°C, COUT = 4.7µF, ILOAD = 400mA.
Notes: 1. Above characteristics are given for 2.9V minimum input operating range voltage, but regulator
is operational with 2.7V minimum input voltage.
2. All performances of the regulator are guarenteed for a voltage drop of 170mV minimum.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage Range (Note 1)
VIN
2,9
5,5
V
Output Voltage
VOUT
1,8
4,9
V
Output Voltage Accuracy
3
%
Output current
IOUT
400
mA
Dropout Voltage
∆V
DO
∆V
OUT = 50mV,
ILOAD = 400mA,
50
mV
(Note 2)
170
mV
Quiescent current
IQ
ILOAD = 100µA
100
150
µA
ILOAD = 40mA
150
230
ILOAD = 400mA
350
450
Power down mode quiescent current
IQPDM
Power down active
100
nA
Power Supply Rejection Ratio
PSRR
DC
40
60
dB
f = 10KHz
40
55
Line Regulation
Lir
ILOAD = 400mA,
VIN = 2.9V to 5.5V
4mV
Load Regulation
Ldr
ILOAD = 100µA - 400mA
50
55
mV
Line Transient
Lirt
∆V
IN = 300mV
tRISE = tFALL = 10µs
2,5
5
mV
Load Transient
Ldtr
ILOAD = 100µA - 400mA
in 10
µs
35
mV
Output Noise Voltage
en
100Hz
1,2
1KHz
400
10KHz
140
enRMS
BW : 100Hz to 100KHz
35
µV
RMS
Output decoupling Capacitor
COUT
4,7
µF
Settling time
From power down
to active mode
50
µs
Short Circuit Current Limit
ISHORT
2A
µV
Hz
------------
nV
Hz
------------



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com