Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P12398L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 715P12398L
Description  Polypropylene Film Capacitors ORANGE DROP® , Low Loss
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

715P12398L Datasheet(HTML) 3 Page - Vishay Siliconix

  715P12398L Datasheet HTML 1Page - Vishay Siliconix 715P12398L Datasheet HTML 2Page - Vishay Siliconix 715P12398L Datasheet HTML 3Page - Vishay Siliconix 715P12398L Datasheet HTML 4Page - Vishay Siliconix 715P12398L Datasheet HTML 5Page - Vishay Siliconix 715P12398L Datasheet HTML 6Page - Vishay Siliconix 715P12398L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
49
Type 715P
Vishay Sprague
Document Number: 42018
Revision 13-Nov-03
For technical questions, contact spresale@vishay.com
PERFORMANCE CHARACTERISTICS
* Shaded items, when ordered as ± 5% tolerance with D3 leads, are standard capacitors in stock and available through the Sprague® Distribution
Network. To complete the Type 715P Part Number, add the "D3" suffix and change the capacitance tolerance code number from a "9" to a "5"
to indicate ± 5% (i.e., 715P10456LD3). Any other Part Number, value or type may easily be ordered as a Special.
** 60Hz rms.
µF
± 10% TOLERANCE
PART NUMBER
715P12392J
715P15392J
715P18392J
715P22392J
715P27392J
715P33392J
715P39392K
715P47392K
715P56392K
715P68392K
715P82392L
715P10492L
715P12492L
715P15492L
715P18492L
715P22492L
715P27492M
715P33492M
715P39492M
715P47492M
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.75 [19.05]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
0.95 [24.13]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
0.37 [9.40]
0.37 [9.40]
0.37 [9.40]
0.37 [9.40]
0.42 [10.67]
0.42 [10.67]
0.40 [10.16]
0.40 [10.16]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.45 [11.43]
0.55 [13.97]
0.55 [13.97]
0.62 [15.75]
0.62 [15.75]
0.65 [16.51]
0.65 [16.51]
0.75 [19.05]
0.75 [19.05]
SIZE
D
L
200 VDC/155 VAC**
1
2
5
10
2
5
100
2
5
1000
FREQUENCY - kHz
.0082
µF
.027
µF
.12
µF
.22
µF
600 V
800 V
1
2
5
10
2
5
100
2
5
1000
FREQUENCY - kHz
1000
450
200
100
5
2
10
.0056
µF
.018
µF
.056
µF
.1
µF
1200 V
1000
5
200
100
5
2
10
1000
475
2
100
5
2
10
1
2
5
10
2
5
100
2
5
1000
FREQUENCY - kHz
.0027
µF
.015
µF
.047
µF
1600 V
1000
500
2
100
5
2
10
1
2
5
10
2
5
100
2
5
1000
FREQUENCY - kHz
.0018
µF
.0056
µF
.01
µF
.033
µF
.018
µF
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.0
27µ
F
.0082
µF
.0039
µF
STANDARD RATINGS* in inches [millimeters]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com