Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28324PVC Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY28324PVC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28324PVC Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY28324PVC Datasheet HTML 13Page - Cypress Semiconductor CY28324PVC Datasheet HTML 14Page - Cypress Semiconductor CY28324PVC Datasheet HTML 15Page - Cypress Semiconductor CY28324PVC Datasheet HTML 16Page - Cypress Semiconductor CY28324PVC Datasheet HTML 17Page - Cypress Semiconductor CY28324PVC Datasheet HTML 18Page - Cypress Semiconductor CY28324PVC Datasheet HTML 19Page - Cypress Semiconductor CY28324PVC Datasheet HTML 20Page - Cypress Semiconductor CY28324PVC Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
PRELIMINARY
CY28324
Document #: 38-07002 Rev. *B
Page 17 of 23
Maximum Ratings[1]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage ................................................. –0.5 to +7.0V
Input Voltage ............................................ –0.5V to VDD + 0.5
Storage Temperature (Non-Condensing).... –65
°C to +150°C
Max. Soldering Temperature (10 sec) ...................... +260
°C
Junction Temperature ............................................... +150
°C
Package Power Dissipation ...............................................1
Ω
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. >2000V
Operating Conditions Over which Electrical Parameters are Guaranteed
Parameter
Description
Min.
Max.
Unit
VDD_REF, VDD_PCI,VDD_CORE,
VDD_3V66, VDD_48 MHz, VDD_CPU,
3.3V Supply Voltages
3.135
3.465
V
TA
Operating Temperature, Ambient
0
70
°C
Cin
Input Pin Capacitance
5
pF
CXTAL
XTAL Pin Capacitance
22.5
pF
CL
Max. Capacitive Load on
48 MHz, REF
PCICLK, 3V66
20
30
pF
f(REF)
Reference Frequency, Oscillator Nominal Value
14.318
14.318
MHz
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Pads. Threshold voltage for crystal pads = VDD/2
2.0
V
VIL
Low-level Input Voltage
Except Crystal Pads
0.8
V
VOH
High-level Output Voltage
48 MHz, REF, 3V66, 3VMREF
IOH = –1 mA
2.4
V
PCI
IOH = –1 mA
2.4
V
VOL
Low-level Output Voltage
48 MHz, REF, 3V66, 3VMREF
IOL = 1 mA
0.4
V
PCI
IOL = 1 mA
0.55
V
IIH
Input High Current
0 < VIN < VDD
–55
mA
IIL
Input Low Current
0 < VIN < VDD
–55
mA
IOH
High-level Output Current
CPU
For IOH =6*IRef Configuration
Type X1, VOH = 0.65V
12.9
mA
Type X1, VOH = 0.74V
14.9
REF, 48 MHz, 3VMREF
Type 3, VOH = 1.00V
–29
Type 3, VOH = 3.135V
–23
3V66, 3VMREF, PCI
Type 5, VOH = 1.00V
–33
Type 5, VOH = 3.135V
–33
IOL
Low-level Output Current
REF, 3VMREF, 48 MHz
Type 3, VOL = 1.95V
29
mA
Type 3, VOL = 0.4V
27
3V66, PCI, 3VMREF
Type 5, VOL =1.95 V
30
Type 5, VOL = 0.4V
38
IOZ
Output Leakage Current
Three-state
10
mA
IDD3
3.3V Power Supply Current VDD_CORE/VDDQ3 = 3.465V, FCPU = 133 MHz
250
mA
IDDPD3
3.3V Shutdown Current
VDD_CORE/VDDQ3 = 3.465V
20
mA
Notes:
1. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing
is NOT required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com