Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P22398L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 715P22398L
Description  Polypropylene Film Capacitors ORANGE DROP® , Low Loss
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

715P22398L Datasheet(HTML) 2 Page - Vishay Siliconix

  715P22398L Datasheet HTML 1Page - Vishay Siliconix 715P22398L Datasheet HTML 2Page - Vishay Siliconix 715P22398L Datasheet HTML 3Page - Vishay Siliconix 715P22398L Datasheet HTML 4Page - Vishay Siliconix 715P22398L Datasheet HTML 5Page - Vishay Siliconix 715P22398L Datasheet HTML 6Page - Vishay Siliconix 715P22398L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 42018
Revision 13-Nov-03
www.vishay.com
48
Type 715P
Vishay Sprague
For technical questions, contact spresale@vishay.com
Terminal D
S
Terminal D
± 0.030 [0.762]
0.375 [9.525]
0.375 [9.525]
0.719 [18.263]
1.094 [27.788]
CASE
CODE
J
K
L
M
L
(Max.)
0.75 [19.050]
0.95 [24.130]
1.30 [33.020]
1.70 [43.180]
Terminal A
± 0.060 [1.524]
0.500 [12.700]
0.688 [17.475]
1.031 [26.187]
1.406 [35.712]
Terminal B
± 0.030 [0.762]
0.500 [12.700]
0.688 [17.475]
0.969 [24.613]
1.344 [34.138]
L
Max.
0.250
[6.350]
Max.
1.250
[31.750]
Min.
S
Terminal A
Terminal B
S
L
Max.
0.250
[6.350]
Max.
Lead
Length
L
Max.
0.250
[6.350]
Max.
Lead
Length
S
D
Max.
0.032 [0.813] Dia.
(No. 20 AWG)
Tinned Copper-Clad Steel
PERFORMANCE CHARACTERISTICS
- 55
- 25
0
+ 25
+ 50
+ 85
+ 105 + 125
- 50
+ 75
+ 100
TEMPERATURE DEG. CENTIGRADE
+ 2
+ 1
0
- 1
- 2
- 55
- 25
0
+ 25
+ 50
+ 85
+ 105 + 125
- 50
+ 75
+ 100
TEMPERATURE DEG. CENTIGRADE
0.075
0.05
0.025
0
10-2
5
2
10-3
5
2
10-4
1
2
5
10
2
5
100
2
5
1000
TEMPERATURE DEG. CENTIGRADE
TYPICAL
TYPICAL
TYPICAL
1000
5
200
100
5
2
10
1
2
5
10
2
5
100
2
5
1000
FREQUENCY - kHz
FREQUENCY - kHz
1
2
5
10
2
5
100
2
5
1000
1000
5
2
155
100
5
2
10
.0039
µF
.018
µF
.1
8µ
F
.47
µF
.012
µF
.039
µF
.47
µF
200 V
400 V
.082
µF
DIMENSIONS in inches [millimeters]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com