Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO58 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDO58
Description  IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO58 Datasheet(HTML) 2 Page - STMicroelectronics

  LDO58 Datasheet HTML 1Page - STMicroelectronics LDO58 Datasheet HTML 2Page - STMicroelectronics LDO58 Datasheet HTML 3Page - STMicroelectronics LDO58 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDO_58
2/4
ELECTRICAL CHARACTERISTICS
3V < VIN < 5.5V, -30°C < TA < +85°C, VREF = 2.8V, COUT = 1µF ±20%, 20mΩ < ESR < 0.6Ω,
ILOAD = 100mA.
Typical case : VIN = 4V, T = 25°C, COUT = 1µF.
Notes: 1. Above characteristics are given for 2.9V minimum input operating range voltage, but regulator
is operational with 2.7V minimum input voltage.
2. All parameters are guaranteed with 170mV min dropout voltage.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage Range (Note 1)
VIN
3
5,5
V
Output Voltage
VOUT
2,8
V
Output Voltage Accuracy
3
%
Output current
IOUT
100
mA
Dropout Voltage
∆V
DO
∆V
OUT = 50mV,
ILOAD = 100mA
50
mV
(Note 2)
170
Quiescent current
IQ
ILOAD = 100µA50
70
µA
ILOAD = 100mA
110
250
Quiescent Current in stand-by
mode
ISTDBY
ILOAD = 100µA20
40
Power down mode quiescent
current
IQPDM
Power down active
100
nA
Power Supply Rejection Ratio
PSRR
DC
45
65
dB
f = 10KHz
45
60
f = 100KHz
35
45
Line Regulation
Lir
ILOAD = 100mA,
VIN = 3V to 5.5V
0,5
1
mV
Load Regulation
Ldr
ILOAD = 100µA - 100mA
25
40
mV
Line Transient
Lirt
∆V
IN = 300mV
tRISE = tFALL=10µs
0,5
1,5
mV
Load Transient
Ldtr
ILOAD = 100µA - 100mA in 10µs3
10
mV
Output Noise Voltage
en
100Hz
40
65
1KHz - 10KHz
30
40
enRMS
BW : 10Hz to 100KHz
25
30
µV
RMS
Output decoupling Capacitor
COUT
1
µF
Settling time
From power down to active
mode
20
50
µs
Short Circuit Current Limit
ISHORT
200
mA
nV
Hz
------------



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com