Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP3P020J Datasheet(PDF) 4 Page - YAGEO Corporation

Part # XP3P020J
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

XP3P020J Datasheet(HTML) 4 Page - YAGEO Corporation

  XP3P020J Datasheet HTML 1Page - YAGEO Corporation XP3P020J Datasheet HTML 2Page - YAGEO Corporation XP3P020J Datasheet HTML 3Page - YAGEO Corporation XP3P020J Datasheet HTML 4Page - YAGEO Corporation XP3P020J Datasheet HTML 5Page - YAGEO Corporation XP3P020J Datasheet HTML 6Page - YAGEO Corporation XP3P020J Datasheet HTML 7Page - YAGEO Corporation XP3P020J Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
XP3P020J
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4
Q
VG
-4.5V
QGS
QGD
QG
Charge
0.1
1
10
100
1000
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
DC
T C =25
o C
Single Pulse
0
2
4
6
8
0
4
8
12
16
20
Q G , Total Gate Charge (nC)
I D = -10A
V DS = -15V
0
400
800
1200
1600
2000
1
5
9
13
17
21
25
29
33
37
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
8
16
24
32
0123
456
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS = -5V
T j = -55
o C
Operation in this area
limited by RDS(ON)
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com