Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP3P021M Datasheet(PDF) 4 Page - YAGEO Corporation

Part # XP3P021M
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

XP3P021M Datasheet(HTML) 4 Page - YAGEO Corporation

  XP3P021M Datasheet HTML 1Page - YAGEO Corporation XP3P021M Datasheet HTML 2Page - YAGEO Corporation XP3P021M Datasheet HTML 3Page - YAGEO Corporation XP3P021M Datasheet HTML 4Page - YAGEO Corporation XP3P021M Datasheet HTML 5Page - YAGEO Corporation XP3P021M Datasheet HTML 6Page - YAGEO Corporation XP3P021M Datasheet HTML 7Page - YAGEO Corporation XP3P021M Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
XP3P021M
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
2.01E+09
Fig 11. Transfer Characteristics
Fig 12. Drain Current v.s. Ambient Temperature
4
0
2
4
6
8
0369
12
15
Q G , Total Gate Charge (nC)
I D =-6 A
V DS = -15V
0
400
800
1200
1600
2000
1
5
9
13
17
21
25
29
33
37
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=125
oC/W
0.01
0.1
1
10
100
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
Operation in this area
limited by RDS(ON)
0
2
4
6
8
10
25
50
75
100
125
150
T A , Ambient Temperature (
o C )
0
10
20
30
0123
456
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS = -5V
T j = -55
o C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com