Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO59 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDO59
Description  IP Library: Ultra Low Noise, High PSRR, Low Power, 20mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO59 Datasheet(HTML) 2 Page - STMicroelectronics

  LDO59 Datasheet HTML 1Page - STMicroelectronics LDO59 Datasheet HTML 2Page - STMicroelectronics LDO59 Datasheet HTML 3Page - STMicroelectronics LDO59 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDO_59
2/4
ELECTRICAL CHARACTERISTICS
3V < VIN < 5.5V, -30°C < T < 125°C, 0.8µF < COUT < 1.2µF, 20mΩ < ESR < 0.6Ω, 100µA < ILOAD <20mA.
Typical case : VIN = 4V, T = 25°C, IOUT = 10mA.
Notes: 1. Above characteristics are given for 3V minimum input operating range voltage, but regulator is
operational with 2.7V minimum input voltage.
2. All parameters are guaranteed with 170mV min dropout voltage.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage Range (Note 1)
VIN
3
5,5
V
Output Voltage
VOUT
2,8
V
Output Voltage Accuracy
3
%
Output current
ILOAD
20
mA
PMOS Output Resistance
RON
0,6
Dropout Voltage
∆V
DO
∆V
OUT = 50mV,
ILOAD = 20mA
60
mV
(Note 2)
170
Quiescent current
IQ
ILOAD = 100µA50
70
µA
ILOAD = 20mA
70
150
µA
Power down mode quiescent
current
IQPRWDWN
Power down active
100
nA
Power Supply Rejection Ratio
PSRR
DC to 10KHz
55
70
dB
f < 100KHz
40
50
Load Regulation
Ldr
6
9
mV
Line Regulation
Lir
ILOAD = 20mA,
VOUT = 2.8V
0,5
1
mV
Line Transient
Lirt
VOUT = 2.8V,
ILOAD = 20mA,
∆V
IN = 300mV
tRISE = tFALL = 10µs
0,5
1
mV
Load Transient
Ldtr
VOUT = 2.8V
tFALL = tRISE = 10µs
0,3
1
mV
Recovery time
4
6
µs
Output Noise Voltage
en
VOUT = 2.8V
100Hz < f < 1KHz
160
200
1KHz < f < 100KHz
60
Output decoupling capacitor
COUT
1
µF
Settling time (from power down
to active mode)
VOUT = 2.8V,
COUT = 1.2µF
20
50
µs
Short Circuit Current Limit
ISHORT
200
mA
nV
Hz
------------



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com