Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDOC515 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDOC515
Description  IP Library: Very Low power, Very High PSRR 100mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDOC515 Datasheet(HTML) 2 Page - STMicroelectronics

  LDOC515 Datasheet HTML 1Page - STMicroelectronics LDOC515 Datasheet HTML 2Page - STMicroelectronics LDOC515 Datasheet HTML 3Page - STMicroelectronics LDOC515 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDOC_515
2/4
ELECTRICAL CHARACTERISTICS
3V < VIN < 5.5V, -30°C < TA < +85°C, COUT = 4.7µF ±20%, 20mΩ < ESR < 0.6Ω, ILOAD = 100mA.
Typical case : VIN = 4V, T = 25°C, COUT = 4.7µF.
Notes: 1. Above characteristics are given for 3V minimum input operating range voltage, but regulator is
operational with 2.7V minimum input voltage.
2. All parameters are guaranteed with 150mV min Dropout voltage.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input Voltage Range (Note 1)
VIN
3
5.5
V
Output Voltage
VOUT
2.8
V
Output Voltage Accuracy
3
%
Output current
IOUT
100
mA
Dropout Voltage
∆V
DO
∆V
OUT = 50mV,
ILOAD = 100mA
50
mV
(Note 2)
150
Quiescent current
IQ
ILOAD = 100µA
30
40
µA
ILOAD = 100mA
170
220
Power down mode quiescent
current
IQPDM
Power down active
100
nA
Power Supply Rejection Ratio
PSRR
DC ; Dropout = 200mV
60
dB
f = 10KHz
40
55
f = 100KHz
35
40
Line Regulation
LIR
ILOAD = 100mA,
VIN = 3V to 5.5V
2.5
3.5
mV
Load Regulation
LDR
ILOAD = 100µA - 100mA
25
35
mV
Line Transient
LIRT
∆V
IN = 300mV
tRISE = tFALL = 5µs
<1
1.5
mV
Load Transient
LDTR
ILOAD = 100µA - 100mA
in 5µs
12
mV
Output Noise Voltage
en
100Hz
2
1KHz
650
10KHz
250
enRMS
BW : 100Hz to 100KHz
70
µVRMS
Output decoupling Capacitor
COUT
4.7
µF
Settling time
ILOAD = 100mA
40
120
µs
Short Circuit Current Limit
ISHORT
400
700
mA
µV
Hz
------------
nV
Hz
------------



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com