Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB310 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MSB310
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE: 50 --- 1000 V CURRENT : 3.0 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MSB310 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  MSB310 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MSB310 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
012134571893
2











 !
"



"

#

$%&'(

)

#&*

&


+")

&),
**

#"-&


".
*,#
&#

",,#
"

#
**

"

#-/
014 1318
2
,*"
&
)
#*



*"3-
#
2
4

$5,#
"


#
2
6



-"#-

"

#
2
7'
"#
8


9(:;<:=<
>19?42
94574 4
2
$

#",*#,
-7'@<A
=

,,



+


#&
C
#


&6C
",*

#
&#",,
"


2
%



+
#
"

D-,
3#+
>4E
>1>34
2084271519 3
9459?4349 13
8
98
6

#FGH ,
#
,*


#
--
)
--*"


/

#
*)-&)
 !&
;=C8&
-
-

!
#"

!
/
I"*"


!
&

"

#+F=J/
C65(64
54

K$LM' $L:==G $L:=N $L:=F $L:=< $L:=; $L:=O $L:N=
7P4
5
$Q
,, 6"

#%36!
-A


A66$
G=
N==
F==
<==
;==
O==
N===
A
$Q
,, 6$A


A6$
:G
R=
N<=
FO=
<F=
G;=
R==
A
$Q
,, L
"3
#A


A
G=
N==
F==
<==
;==
O==
N===
A
$Q
,, !
I

6"





#
S5TNF=H
%3I



#
S O/
:,-
$Q
,, I
A

S 5UTFGH
S N/
G
S :/
=
$Q
,, 6!
-

#
S5UTFGH
6
L
"3
#A


S5UTNFGH
5+*
"V
#"

#*"

#"*
,#W
P
NX
U
*I
4
F6
#

-
#W
N,-YYO/
:,-X
4
F
4
F
6ZU
5+*
"5)
,*"

#"W
P
FX
6ZU'
6ZU
M*


#5,*


6#
5U
H


5,*


6#
55[
H
NG,,\NF,,\N/
;,, '*

")N@G,,\NN=,,\N=,, -
*


:/
5)
+*
"
!
-



#"#
+W
]^_`abcX
/
>8deffgh
ijk>8delf

,#-
#-
#
#")-#W
,



,

-X
4
W
AX
:

4
I$

AI
N
A
N/
N
4
6
G
x
G==
:G
O
Hy
w
NG
FG

GG
zNG=

GG
zNG=
P
-DN/$-
N/
=$C8#**


!
-!

</
=A/
F/5)
,6-
-
#"
-*


,
#""
#" 

)U(
GN/7#
,#
#
>8d5
20.3
70
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
CURRENT:
3.0 A
VOLTAGE RANGE: 50 --- 1000 V
www.shunyegroup.com.cn


Similar Part No. - MSB310

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MSB310 DGNJDZ-MSB310 Datasheet
1Mb / 3P
MSB Plastic-Encapsulate Bridge Rectifier
logo
SeCoS Halbleitertechnol...
MSB310S SECOS-MSB310S Datasheet
253Kb / 2P
3.0 Amp Surface Mount Bridge Rectifiers
MSB310S-C SECOS-MSB310S-C Datasheet
253Kb / 2P
3.0 Amp Surface Mount Bridge Rectifiers
More results

Similar Description - MSB310

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100 Datasheet
392Kb / 2P
Single Phase 3.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
GOOD-ARK Electronics
GBU8005 GOOD-ARK-GBU8005_15 Datasheet
755Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
GBU6005 GOOD-ARK-GBU6005_15 Datasheet
755Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
GBU4005 GOOD-ARK-GBU4005_15 Datasheet
841Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 4.0 Amperes
KBJ8A GOOD-ARK-KBJ8A_15 Datasheet
755Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
GBJ2A GOOD-ARK-GBJ2A_15 Datasheet
736Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 2.0 Amperes
KBP005 GOOD-ARK-KBP005_15 Datasheet
708Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 2.0 Amperes
logo
Kingtronics Internation...
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100_15 Datasheet
375Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
KBJ6005-KBJ610 KINGTRONICS-KBJ6005-KBJ610 Datasheet
366Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Ampere
logo
Rectron Semiconductor
MSB301S RECTRON-MSB301S Datasheet
211Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2016-08 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com