Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32669 Datasheet(PDF) 2 Page - EPCOS

Part # B32669
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32669 Datasheet(HTML) 2 Page - EPCOS

  B32669 Datasheet HTML 1Page - EPCOS B32669 Datasheet HTML 2Page - EPCOS B32669 Datasheet HTML 3Page - EPCOS B32669 Datasheet HTML 4Page - EPCOS B32669 Datasheet HTML 5Page - EPCOS B32669 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Not suitable for connection in
parallel to line!
Typical applications
Energy storage
Filtering
Climatic
Max. operating temperature: 85
°C
Climatic category (IEC 60068-1): 40/085/21
Construction
Dielectric: polypropylene (PP)
Cylindrical winding
Insulating sleeve
Face ends sealed with epoxy resin
Features
Good self-healing properties
Terminals
Axial leads, lead-free tinned
Axial leads, insulated,
tinned copper wires gathered
together by a tin cover (fray),
AWG 22
Marking
Manufacturer
Series number
rated capacitance (coded),
capacitance tolerance (code letter),
rated AC voltage, frequency, date code
Delivery mode
Bulk (untaped)
Dimensional drawing
Dimensions in mm
When bending leads, take care to leave a
clearance of 1 mm to the capacitor body.
Metallized polypropylene film capacitors (MKP)
B32669
AC applications (wound)
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com